Electronic Components Datasheet Search
  English  ▼

X  

BLW90 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLW90
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW90 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLW90 Datasheet HTML 3Page - NXP Semiconductors BLW90 Datasheet HTML 4Page - NXP Semiconductors BLW90 Datasheet HTML 5Page - NXP Semiconductors BLW90 Datasheet HTML 6Page - NXP Semiconductors BLW90 Datasheet HTML 7Page - NXP Semiconductors BLW90 Datasheet HTML 8Page - NXP Semiconductors BLW90 Datasheet HTML 9Page - NXP Semiconductors BLW90 Datasheet HTML 10Page - NXP Semiconductors BLW90 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
August 1986
9
Philips Semiconductors
Product specification
UHF power transistor
BLW90
Fig.11 Input impedance (series components).
handbook, halfpage
200
300
500
5
−5
0
MGP669
400
f (MHz)
ri, xi
(dB)
xi
ri
Typical values; VCE = 28 V; PL = 4 W; Th =25 °C.
Fig.12 Load impedance (series components).
handbook, halfpage
200
300
500
50
0
25
MGP670
400
RL,XL
(
Ω)
f (MHz)
RL
XL
Typical values; VCE = 28 V; PL = 4 W; Th =25 °C.
Fig.13
handbook, halfpage
100
200
300
500
30
10
0
20
MGP671
400
Gp
(dB)
f (MHz)
Typical values; VCE = 28 V; PL = 4 W; Th =25 °C.
Ruggedness
The BLW90 is capable of withstanding full load mismatch
(VSWR = 50 through all phases) up to 4 W under the
following conditions:
VCE = 28 V; f = 470 MHz; Th =70 °C; Rth mb-h = 0,6 K/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com