Electronic Components Datasheet Search
  English  ▼

X  

ADG1206 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG1206
Description  Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1206 Datasheet(HTML) 1 Page - Analog Devices

  ADG1206 Datasheet HTML 1Page - Analog Devices ADG1206 Datasheet HTML 2Page - Analog Devices ADG1206 Datasheet HTML 3Page - Analog Devices ADG1206 Datasheet HTML 4Page - Analog Devices ADG1206 Datasheet HTML 5Page - Analog Devices ADG1206 Datasheet HTML 6Page - Analog Devices ADG1206 Datasheet HTML 7Page - Analog Devices ADG1206 Datasheet HTML 8Page - Analog Devices ADG1206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Capacitance, 16- and 8-Channel
±15 V/+12 V iCMOS™ Multiplexers
ADG1206/ADG1207
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
<1 pC charge injection over full signal range
1.5 pF off capacitance
33 V supply range
120 Ω on resistance
Fully specified at ±15 V/+12 V
3 V logic-compatible inputs
Rail-to-rail operation
Break-before-make switching action
28-lead TSSOP and 32-lead, 5 mm × 5 mm LFCSP_VQ
APPLICATIONS
Audio and video routing
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Communication systems
FUNCTIONAL BLOCK DIAGRAMS
ADG1207
S1A
S8B
DA
DB
S8A
S1B
1-OF-8
DECODER
A0 A1 A2 EN
ADG1206
S1
S16
D
1-OF-16
DECODER
A0 A1 A2 A3 EN
Figure 1.
GENERAL DESCRIPTION
The ADG1206 and ADG1207 are monolithic iCMOS analog
multiplexers comprising sixteen single channels and eight
differential channels, respectively. The ADG1206 switches one
of sixteen inputs to a common output, as determined by the 4-
bit binary address lines A0, A1, A2, and A3. The ADG1207
switches one of eight differential inputs to a common
differential output, as determined by the 3-bit binary address
lines A0, A1, and A2. An EN input on both devices is used to
enable or disable the device. When disabled, all channels are
switched off. When on, each channel conducts equally well in
both directions and has an input signal range that extends to the
supplies.
The iCMOS (industrial CMOS) modular manufacturing
process combines high voltage CMOS (complementary metal-
oxide semiconductor) and bipolar technologies. It enables the
development of a wide range of high performance analog ICs
capable of 33 V operation in a footprint that no other generation
of high voltage parts has been able to achieve. Unlike analog ICs
using conventional CMOS processes, iCMOS components can
tolerate high supply voltages while providing increased perfor-
mance, dramatically lower power consumption, and reduced
package size.
The ultralow capacitance and exceptionally low charge injection
of these multiplexers make them ideal solutions for data
acquisition and sample-and-hold applications, where low glitch
and fast settling are required. Figure 2 shows that there is
minimum charge injection over the entire signal range of the
device. iCMOS construction also ensures ultralow power
dissipation, making the parts ideally suited for portable and
battery-powered instruments.
VS (V)
1.0
0
–15
15
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–10
–5
0
5
10
MUX (SOURCE TO DRAIN)
TA = 25°C
VDD = +15V
VSS = –15V
VDD = +5V
VSS = –5V
VDD = +12V
VSS = 0V
Figure 2. Source-to-Drain Charge Injection vs. Source Voltage


Similar Part No. - ADG1206

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1206LYCPZ-REEL7 AD-ADG1206LYCPZ-REEL7 Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1206 AD-ADG1206_15 Datasheet
434Kb / 20P
Low Capacitance
REV. A
More results

Similar Description - ADG1206

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
4- and 8-Channel -15 V/12 V Multiplexers
4/06-Revision 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1309 AD-ADG1309_15 Datasheet
361Kb / 16P
4 and 8Channel 15 V/12 V Multiplexers
REV. A
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com