Electronic Components Datasheet Search
  English  ▼

X  

ADG1206 Datasheet(PDF) 19 Page - Analog Devices

Part # ADG1206
Description  Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1206 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG1206 Datasheet HTML 12Page - Analog Devices ADG1206 Datasheet HTML 13Page - Analog Devices ADG1206 Datasheet HTML 14Page - Analog Devices ADG1206 Datasheet HTML 15Page - Analog Devices ADG1206 Datasheet HTML 16Page - Analog Devices ADG1206 Datasheet HTML 17Page - Analog Devices ADG1206 Datasheet HTML 18Page - Analog Devices ADG1206 Datasheet HTML 19Page - Analog Devices ADG1206 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADG1206/ADG1207
Rev. 0 | Page 19 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AE
28
15
14
1
8°
0°
SEATING
PLANE
COPLANARITY
0.10
1.20 MAX
6.40 BSC
0.65
BSC
PIN 1
0.30
0.19
0.20
0.09
4.50
4.40
4.30
0.75
0.60
0.45
9.80
9.70
9.60
0.15
0.05
Figure 39. 28-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-28)
Dimensions shown in millimeters
*COMPLIANT TO JEDEC STANDARDS MO-220
WITH EXCEPTION TO PADDLE ORIENTATION.
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00 MAX
0.85 NOM
SEATING
PLANE
COPLANARITY
0.05
1
32
8
9
25
24
16
17
BOTTOM
VIEW
2.85
2.70 SQ
2.55
0.50
0.40
0.30
0.60
0.42
0.24
0.60
0.42
0.24
3.50 REF
0.50
BSC
PIN 1
INDICATOR
5.00
BSC SQ
4.75
BSC SQ
0.45
BSC
0.20
MIN
*EXPOSED
PAD
(TOP VIEW)
Figure 40. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-32-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Description
Package Option
ADG1206YRUZ1
−40°C to +125°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
ADG1206YRUZ-REEL71
−40°C to +125°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
ADG1206YCPZ-REEL71
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADG1207YRUZ1
−40°C to +125°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
ADG1207YRUZ-REEL71
−40°C to +125°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
ADG1207YCPZ-REEL71
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com