Electronic Components Datasheet Search
  English  ▼

X  

ADG1206 Datasheet(PDF) 14 Page - Analog Devices

Part # ADG1206
Description  Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1206 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG1206 Datasheet HTML 10Page - Analog Devices ADG1206 Datasheet HTML 11Page - Analog Devices ADG1206 Datasheet HTML 12Page - Analog Devices ADG1206 Datasheet HTML 13Page - Analog Devices ADG1206 Datasheet HTML 14Page - Analog Devices ADG1206 Datasheet HTML 15Page - Analog Devices ADG1206 Datasheet HTML 16Page - Analog Devices ADG1206 Datasheet HTML 17Page - Analog Devices ADG1206 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADG1206/ADG1207
Rev. 0 | Page 14 of 20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
TA = 25°C
ADJACENT
CHANNELS
NON ADJACENT
CHANNELS
Figure 19. ADG1206 Crosstalk vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
TA = 25°C
ADJACENT
CHANNELS
NON ADJACENT
CHANNELS
Figure 20. ADG1207 Crosstalk vs. Frequency
–4
–20
–18
–16
–14
–12
–10
–8
–6
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
ADG1206
ADG1207
Figure 21. On Response vs. Frequency
FREQUENCY (Hz)
10
1
0.1
0.01
10
100
1k
10k
100k
LOAD = 10kΩ
TA = 25°C
VDD = +5V, VSS = –5V, VS = +3.5V rms
VDD = +15V, VSS = –15V, VS = +5V rms
Figure 22. THD + N vs. Frequency
20
0
2
4
6
8
10
12
14
16
18
–15
15
510
0
–5
–10
VBIAS (V)
VDD = +15V
VSS = –15V
TA = 25°C
SOURCE/DRAIN ON
DRAIN OFF
SOURCE OFF
Figure 23. ADG1206 Capacitance vs. Source Voltage,
±15 V Dual Supply
20
0
2
4
6
8
10
12
14
16
18
01
810
6
4
2
VBIAS (V)
2
VDD = 12V
VSS = 0V
TA = 25°C
SOURCE/DRAIN ON
DRAIN OFF
SOURCE OFF
Figure 24. ADG1206 Capacitance vs. Source Voltage, 12 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com