Electronic Components Datasheet Search
  English  ▼

X  

ADG1206 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG1206
Description  Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1206 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1206 Datasheet HTML 6Page - Analog Devices ADG1206 Datasheet HTML 7Page - Analog Devices ADG1206 Datasheet HTML 8Page - Analog Devices ADG1206 Datasheet HTML 9Page - Analog Devices ADG1206 Datasheet HTML 10Page - Analog Devices ADG1206 Datasheet HTML 11Page - Analog Devices ADG1206 Datasheet HTML 12Page - Analog Devices ADG1206 Datasheet HTML 13Page - Analog Devices ADG1206 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG1206/ADG1207
Rev. 0 | Page 10 of 20
1
VDD
28
DA
2
DB
27
VSS
3
NC
26
S8A
4
S8B
25
S7A
5
S7B
24
S6A
6
S6B
23
S5A
7
S5B
22
S4A
8
S4B
21
S3A
9
S3B
20
S2A
10
S2B
19
S1A
11
S1B
18
EN
12
GND
17
A0
13
NC
16
A1
14
NC
15
A2
ADG1207
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NC = NO CONNECT
PIN 1
INDICATOR
1
S8B
2
S7B
3
S6B
4
S5B
5
S4B
6
S3B
7
S2B
8
S1B
24 S8A
23 S7A
22 S6A
21 S5A
20 S4A
19 S3A
18 S2A
17 S1A
TOP VIEW
(Not to Scale)
ADG1207
Figure 5. ADG1207 Pin Configuration—TSSOP
Figure 6. ADG1207 Pin Configuration—5 mm × 5 mm LFCSP_VQ
Exposed Pad Tied to Substrate, VSS
Table 6. ADG1207 Pin Function Descriptions
Pin Number
TSSOP
LFCSP_VQ
Mnemonic
Description
1
29
VDD
Most Positive Power Supply Potential.
2
31
DB
Drain Terminal B. Can be an input or an output.
3
11, 12, 13
NC
No Connect.
4
1
S8B
Source Terminal 8B. Can be an input or an output.
5
2
S7B
Source Terminal 7B. Can be an input or an output.
6
3
S6B
Source Terminal 6B. Can be an input or an output.
7
4
S5B
Source Terminal 5B. Can be an input or an output.
8
5
S4B
Source Terminal 4B. Can be an input or an output.
9
6
S3B
Source Terminal 3B. Can be an input or an output.
10
7
S2B
Source Terminal 2B. Can be an input or an output.
11
8
S1B
Source Terminal 1B. Can be an input or an output.
12
9
GND
Ground (0 V) Reference.
13
26, 28,
30, 32
NC
No Connect.
14
–
NC
No Connect.
15
10
A2
Logic Control Input.
16
14
A1
Logic Control Input.
17
15
A0
Logic Control Input.
18
16
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are
turned off. When this pin is high, the Ax logic inputs determine which switch is turned on.
19
17
S1A
Source Terminal 1A. Can be an input or an output.
20
18
S2A
Source Terminal 2A. Can be an input or an output.
21
19
S3A
Source Terminal 3A. Can be an input or an output.
22
20
S4A
Source Terminal 4A. Can be an input or an output.
23
21
S5A
Source Terminal 5A. Can be an input or an output.
24
22
S6A
Source Terminal 6A. Can be an input or an output.
25
23
S7A
Source Terminal 7A. Can be an input or an output.
26
24
S8A
Source Terminal 8A. Can be an input or an output.
27
25
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be
connected to ground.
28
27
DA
Drain Terminal A. Can be an input or an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com