Electronic Components Datasheet Search
  English  ▼

X  

BLY87 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLY87
Description  VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLY87 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLY87 Datasheet HTML 2Page - NXP Semiconductors BLY87 Datasheet HTML 3Page - NXP Semiconductors BLY87 Datasheet HTML 4Page - NXP Semiconductors BLY87 Datasheet HTML 5Page - NXP Semiconductors BLY87 Datasheet HTML 6Page - NXP Semiconductors BLY87 Datasheet HTML 7Page - NXP Semiconductors BLY87 Datasheet HTML 8Page - NXP Semiconductors BLY87 Datasheet HTML 9Page - NXP Semiconductors BLY87 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
August 1986
6
Philips Semiconductors
Product specification
VHF power transistor
BLY87C
APPLICATION INFORMATION
R.F. performance in c.w. operation (unneutralized common-emitter class-B circuit) Th = 25 °C
List of components:
f (MHz)
VCE (V)
PL (W)
PS (W)
Gp (dB)
IC (A)
η (%)
zi (Ω)
YL (mS)
175
13,5
8
< 0,5
>
12,0
< 0,99 >
60
2,2
+ j0,4
96
− j28
175
12,5
8
−
typ. 11,5
−
typ.
65
−−
C1 = 2,5 to 20 pF film dielectric trimmer (cat. no. 2222 809 07004)
C2 = C6 = 4 to 40 pF film dielectric trimmer (cat. no. 2222 809 07008)
C3 = 47 pF ceramic capacitor (500 V)
C4 = 120 pF ceramic capacitor (500 V)
C5 = 100 nF polyester capacitor
C7 = 5 to 60 pF film dielectric trimmer (cat. no. 2222 809 07011)
L1
= 2 turns Cu wire (1,6 mm); int. dia. 4,5 mm; length 5,7 mm; leads 2
× 5 mm
L2
= L6 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L3
= L4 = strip (12 mm
× 6 mm); tap for C3 at 5 mm from transistor
L5
= 3 turns Cu wire (1,6 mm); int. dia. 7,5 mm; length 7,5 mm; leads 2
× 5 mm
L7
= 3 turns Cu wire (1,6 mm); int. dia. 6,5 mm; length 7,4 mm; leads 2
× 5 mm
L3 and L4 are strips on a double Cu-clad printed-circuit board with epoxy fibre-glass dielectric, thickness 1/16".
R1 = 10
Ω carbon resistor
Component layout and printed-circuit board for 175 MHz test circuit see Fig.8.
Fig.7 Test circuit; c.w. class-B.
handbook, full pagewidth
MGP253
50
Ω
50
Ω
C1
L1
L3
R1
L2
L6
L5
L7
L4
C2
C3
T.U.T.
C4
C5
+VCC
C6
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com