Electronic Components Datasheet Search
  English  ▼

X  

BLY87 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLY87
Description  VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLY87 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLY87 Datasheet HTML 3Page - NXP Semiconductors BLY87 Datasheet HTML 4Page - NXP Semiconductors BLY87 Datasheet HTML 5Page - NXP Semiconductors BLY87 Datasheet HTML 6Page - NXP Semiconductors BLY87 Datasheet HTML 7Page - NXP Semiconductors BLY87 Datasheet HTML 8Page - NXP Semiconductors BLY87 Datasheet HTML 9Page - NXP Semiconductors BLY87 Datasheet HTML 10Page - NXP Semiconductors BLY87 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
August 1986
10
Philips Semiconductors
Product specification
VHF power transistor
BLY87C
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
8-32
UNC
SOT120A
97-06-28
H
b
H
L
detail X
0
5
10 mm
scale
M
W
Q
A
N
N1
N3
M1
D
c
X
1
4
3
2
Studded ceramic package; 4 leads
SOT120A
A
w1
A
M
D1
D2
UNIT
A
W
mm
D
b
5.90
5.48
0.18
0.14
9.73
9.47
8.39
8.12
27.44
25.78
3.41
2.92
3.31
2.54
5.97
4.74
c
D1
N3
4.35
3.98
Q
0.38
w1
L
9.00
8.00
N1
1.60
0.00
M1
1.66
1.39
N
12.83
11.17
D2
9.66
9.39
inches
0.232
0.216
0.007
0.004
0.383
0.373
0.330
0.320
1.080
1.015
0.134
0.115
0.130
0.100
0.283
0.248
0.171
0.157
0.015
0.354
0.315
0.063
0.000
0.065
0.055
0.505
0.440
0.380
0.370
M
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com