Electronic Components Datasheet Search
  English  ▼

X  

BLY87 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLY87
Description  VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLY87 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLY87 Datasheet HTML 3Page - NXP Semiconductors BLY87 Datasheet HTML 4Page - NXP Semiconductors BLY87 Datasheet HTML 5Page - NXP Semiconductors BLY87 Datasheet HTML 6Page - NXP Semiconductors BLY87 Datasheet HTML 7Page - NXP Semiconductors BLY87 Datasheet HTML 8Page - NXP Semiconductors BLY87 Datasheet HTML 9Page - NXP Semiconductors BLY87 Datasheet HTML 10Page - NXP Semiconductors BLY87 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
August 1986
9
Philips Semiconductors
Product specification
VHF power transistor
BLY87C
Fig.12 Input impedance (series components).
Typical values; VCE = 13,5 V;
PL = 8 W; Th =25 °C.
handbook, halfpage
0
400
10
0
−5
5
MGP829
ri
ri
xi
200
ri, xi
(
Ω)
f (MHz)
xi
Fig.13 Load impedance (parallel components).
Typical values; VCE = 13,5 V;
PL = 8 W; Th =25 °C.
handbook, halfpage
0
400
15
5
0
10
0
−100
−150
−50
MGP830
CL
(pF)
200
RL
(
Ω)
f (MHz)
CL
RL
RL
CL
Fig.14
Typical values; VCE = 13,5 V;
PL = 8 W; Th =25 °C.
handbook, halfpage
0
400
20
10
0
15
MGP831
200
Gp
(dB)
f (MHz)
OPERATING NOTE
Below 100 MHz a base-emitter resistor of 10
Ω is
recommended to avoid oscillation. This resistor must be
effective for r.f. only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com