Electronic Components Datasheet Search
  English  ▼

X  

BLY87 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLY87
Description  VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLY87 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLY87 Datasheet HTML 3Page - NXP Semiconductors BLY87 Datasheet HTML 4Page - NXP Semiconductors BLY87 Datasheet HTML 5Page - NXP Semiconductors BLY87 Datasheet HTML 6Page - NXP Semiconductors BLY87 Datasheet HTML 7Page - NXP Semiconductors BLY87 Datasheet HTML 8Page - NXP Semiconductors BLY87 Datasheet HTML 9Page - NXP Semiconductors BLY87 Datasheet HTML 10Page - NXP Semiconductors BLY87 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
August 1986
8
Philips Semiconductors
Product specification
VHF power transistor
BLY87C
Fig.9
Typical values; f = 175 MHz;
 VCE = 13,5 V; − − − VCE = 12,5 V.
handbook, halfpage
0
0
0.5
1.5
15
5
10
MGP826
1
PL
(W)
PS (W)
Th = 25 °C
Th = 70 °C
Fig.10 Typical values; f = 175 MHz;
 VCE = 13,5 V; − − − VCE = 12,5 V.
handbook, halfpage
2.5
12.5
30
10
0
20
MGP827
6.5
4.5
8.5
10.5
Gp
(dB)
80
40
20
60
η
(%)
PL (W)
Th = 25 °C
Th = 25 °C
70
°C
70
°C
η
Gp
Fig.11 R.F. SOAR (short-time operation during
mismatch); f = 175 MHz; Th =70 °C;
Rth mb-h = 0,45 K/W;
VCEnom = 13,5 V or 12,5 V; PS =PSnom at
VCEnom and VSWR = 1.
handbook, halfpage
1
1.1
1.3
10
7
MGP828
1.2
10
20
50
8
PLnom
(W)
VSWR = 1
9
VCE
VCEnom
6
VSWR =
PS
PSnom
Note to Fig.11:
The transistor has been developed for use with
unstabilized supply voltages. As the output power and
drive power increase with the supply voltage, the nominal
output power must be derated in accordance with the
graph for safe operation at supply voltages other than the
nominal. The graph shows the permissible output power
under nominal conditions (VSWR = 1), as a function of the
expected supply over-voltage ratio with VSWR as
parameter.
The graph applies to the situation in which the drive
(PS/PSnom) increases linearly with supply over-voltage
ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com