Electronic Components Datasheet Search
  English  ▼

X  

CS5308 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 3Page - ON Semiconductor CS5308 Datasheet HTML 4Page - ON Semiconductor CS5308 Datasheet HTML 5Page - ON Semiconductor CS5308 Datasheet HTML 6Page - ON Semiconductor CS5308 Datasheet HTML 7Page - ON Semiconductor CS5308 Datasheet HTML 8Page - ON Semiconductor CS5308 Datasheet HTML 9Page - ON Semiconductor CS5308 Datasheet HTML 10Page - ON Semiconductor CS5308 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CS5308
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.0 V < VCCH1 = VCCH2 < 20 V;
4.5 V < VCCL =VCCL12 < 14 V; CGATE = 3.3 nF, RROSC = 32.4 k, CCOMP = 0.1 mF, CREF = 0.1 mF, DAC Code 01000 (1.65 V),
CVCC = 0.1 mF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
General Electrical Specifications
VCCL Operating Current
VFB = COMP (no switching)
−
20.5
26.0
mA
VCCL12 Operating Current
VFB = COMP (no switching)
−
8.0
11
mA
VCCH1 Operating Current
VFB = COMP (no switching)
−
2.8
4.0
mA
VCCH2 Operating Current
VFB = COMP (no switching)
−
2.5
3.5
mA
VCCL Start Threshold
GATEs switching, COMP charging
4.05
4.3
4.5
V
VCCL Stop Threshold
GATEs stop switching, COMP discharging
3.75
4.1
4.35
V
VCCL Hysteresis
GATEs not switching, COMP not charging
100
200
300
mV
VCCH1 Start Threshold
GATEs switching, COMP charging
8.0
8.5
9.0
V
VCCH1 Stop Threshold
GATEs stop switching, COMP discharging
7.5
8.0
8.5
V
VCCH1 Hysteresis
GATEs not switching, COMP not charging
300
500
700
mV
Reference Output
VREF Output Voltage
0 mA < I(VREF) < 1.0 mA
3.2
3.3
3.4
V
Internal Ramp
Ramp Height @ 50% DTC
CS1 = CS2 = CSREF
−
125
−
mV
5. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com