Electronic Components Datasheet Search
  English  ▼

X  

CS5308 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 11Page - ON Semiconductor CS5308 Datasheet HTML 12Page - ON Semiconductor CS5308 Datasheet HTML 13Page - ON Semiconductor CS5308 Datasheet HTML 14Page - ON Semiconductor CS5308 Datasheet HTML 15Page - ON Semiconductor CS5308 Datasheet HTML 16Page - ON Semiconductor CS5308 Datasheet HTML 17Page - ON Semiconductor CS5308 Datasheet HTML 18Page - ON Semiconductor CS5308 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
CS5308
http://onsemi.com
15
current applications a droop resistor can provide fast
accurate adaptive positioning. However, at high currents the
loss in a droop resistor becomes excessive. For example; in
a 50 A converter a 1 m
W resistor to provide a 50 mV change
in output voltage between no load and full load would
dissipate 2.5 Watts.
Lossless adaptive positioning is an alternative to using a
droop resistor, but must respond to changes in load current.
Figure 13 shows how adaptive positioning works. The
waveform labeled normal shows a converter without
adaptive positioning. On the left, the output voltage sags
when the output current is stepped up and later overshoots
when current is stepped back down. With fast (ideal)
adaptive positioning the peak to peak excursions are cut in
half. In the slow adaptive positioning waveform the output
voltage is not repositioned quickly enough after current is
stepped up and the upper limit is exceeded.
Adaptive Positioning
Adaptive Positioning
Normal
Fast
Slow
Limits
Figure 13. Adaptive Positioning
The controller can be configured to adjust the output
voltage based on the output current of the converter. (Refer
to the application diagram in Figure 1.) To set the no−load
positioning, a resistor is placed between the output voltage
and VFB pin. The VFB bias current will develop a voltage
across the resistor to adjust the no−load output voltage. The
VFB bias current is dependent on the value of ROSC as shown
in the data sheets.
During no−load conditions the VDRP pin is at the same
voltage as the VFB pin, so none of the VFB bias current flows
through the VDRP resistor. When output current increases
the VDRP pin increases proportionally and the VDRP pin
current offsets the VFB bias current and causes the output
voltage to decrease.
The response during the first few microseconds of a load
transient are controlled primarily by power stage output
impedance and the ESR and ESL of the output filter. The
transition between fast and slow positioning is controlled
by the total ramp size and the error amp compensation. If
the current signal is too large or the error amp too slow there
will be a long transition to the final voltage after a transient.
This will be most apparent with lower capacitance output
filters.
Error Amp Compensation & Tuning
The transconductance error amplifier requires a capacitor
(CCMP2 in the Applications Diagram) between the COMP
pin and GND for two reasons. First, this capacitor stabilizes
the transconductance error amplifier. Values less than a few
nF may cause oscillations of the COMP voltage. These
oscillations will increase the output voltage jitter. Second,
this capacitor sets the Soft Start time when power is applied
to the converter or the converter is enabled. The internal
error amplifier will source approximately 30
mA during Soft
Start and no switching will occur until the COMP voltage
exceeds the Channel Startup Offset (nominally 0.4 V). The
COMP voltage will ramp up to the value shown previously
(repeated here for convenience):
VCOMP + VOUT @0 A ) Channel_Startup_Offset
) Int_Ramp ) GCSA @ Ext_Ramp 2
The RC network between the COMP pin and the Soft Start
capacitor (RCMP1 and CCMP1) allows the COMP voltage to
slew quickly during transient loading of the converter.
Without this network the error amplifier would have to drive
the large Soft Start/Stability capacitor directly, which would
drastically limit the slew rate of the COMP voltage. The
RCMP1/CCMP1 network allows the COMP voltage to undergo
a step change in voltage of approximately RCMP1 • ICOMP.
The capacitor (CAMP) between the COMP pin and the
inverting error amplifier input (the VFB pin) and the parallel
combination of the resistors RFBK1 and RDRP1 determine the
bandwidth of the error amplifier. The gain of the error
amplifier crosses 0 dB at a high enough frequency to give a
quick transient response, but well below the switching
frequency to minimize ripple and noise on the COMP pin.
A capacitor in parallel with the VFB resistor (CFBK2) adds a
zero to boost phase near the crossover frequency to improve
loop stability.
Setting−up and tuning the error amplifier is a three step
process. First, the no−load and full−load adaptive voltage
positioning (AVP) are set using RFBK1 and RDRP1,
respectively. Second, the current sense time constant and
error amplifier gain are adjusted with RCSn and CAMP while
monitoring VOUT during transient loading. Lastly, the
peak−to−peak voltage ripple on the COMP pin is examined
when the converter is fully loaded to insure low output
voltage jitter. The details of this process are covered in the
Design Procedure section.
Undervoltage Lockout (UVLO)
The controller has undervoltage lockout functions
connected to two pins. One, intended for the logic and
low−side drivers, with approximately a 4.2 V turn−on
threshold is connected to the VCC pin. A second, for the high
side drivers, with approximately an 8.25 V threshold, is
connected to the VCCH pin.
The UVLO threshold for the high side drivers varies with
the part type. In many applications this function will be
disabled or will only check that the applicable supply is on
− not that is at a high enough voltage to run the converter. See
individual data sheets for more information on UVLO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com