Electronic Components Datasheet Search
  English  ▼

X  

CS5308 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 4Page - ON Semiconductor CS5308 Datasheet HTML 5Page - ON Semiconductor CS5308 Datasheet HTML 6Page - ON Semiconductor CS5308 Datasheet HTML 7Page - ON Semiconductor CS5308 Datasheet HTML 8Page - ON Semiconductor CS5308 Datasheet HTML 9Page - ON Semiconductor CS5308 Datasheet HTML 10Page - ON Semiconductor CS5308 Datasheet HTML 11Page - ON Semiconductor CS5308 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CS5308
http://onsemi.com
8
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
28 Lead SO Wide
1
COMP
Output of the error amplifier and input for the PWM compara-
tors.
2
VFB
Voltage Feedback Pin. To use Adaptive Voltage Positioning,
set the light load offset voltage by connecting a resistor be-
tween VFB and VOUT. The resistor and the VFB bias current
determine the offset. For no adaptive positioning connect
VFB directly to VOUT.
3
VDRP
Current sense output for Adaptive Voltage Positioning (AVP).
The offset of this pin above the DAC voltage is proportional
to the output current. Connect a resistor from this pin to VFB
to set the amount of AVP or leave this pin open for no AVP.
This pin’s maximum working voltage is 2.3 Vdc.
4
REF
Reference output. Decouple to LGND with 0.1 mF.
5
ILIM
Sets threshold for current limit. Connect to reference through
a resistive divider. This pin’s maximum working voltage is
1.3 Vdc.
6−10
VID Pins
Voltage ID DAC inputs. These pins are internally pulled up to
3.3 V if left open.
11
PWRGD
Power Good Output. Open collector output goes low when
CSREF is out of regulation.
12
CSREF
Reference for current sense amplifiers, input to the Power
Good comparators, and fast feedback connection to the
PWM comparator. Connect this pin to the output voltage
through a resistor equal to 1/5th the value of the current
sense resistors. The input voltage to this pin must not ex-
ceed the maximum VID (DAC) setting by more than 100 mV.
13, 14
CS1−CS2
Current Sense inputs. Connect Current Sense network for
the corresponding phase to each input. The input voltages to
these pins must be kept within 105 mV of CSREF or pulse−
by−pulse current limit will be triggered.
15
VTT
VTT sense input. The voltage on this pin must be higher
than the VTT threshold (nominally 1.05 V) or switching will
not occur.
16
VTTCT
1.0 ms timer for VTT Power Good.
17
VTTPGD
VTT Power Good output. Open collector, pulls down when
VTT < 1.03 V.
18
VCCH2
Power for channel 2 high side gate driver.
19, 20
GATE(H)2, GATE(L)2
High and low side gate drivers for channels 1 and 2.
21
VCCL12
Power for both low side gate drivers.
22
PGND
Return for all gate drivers.
23, 24
GATE(L)1, GATE(H)1
Low and high side gate drivers for channels 1 and 2.
25
VCCH1
Power for channel 1 high side gate driver.
26
VCCL
Power for logic. UVLO Sense for supply connects to this pin.
27
LGND
Ground for internal control circuits and the IC substrate con-
nection.
28
ROSC
A resistor from this pin to ground sets operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com