Electronic Components Datasheet Search
  English  ▼

X  

CS5308 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 6Page - ON Semiconductor CS5308 Datasheet HTML 7Page - ON Semiconductor CS5308 Datasheet HTML 8Page - ON Semiconductor CS5308 Datasheet HTML 9Page - ON Semiconductor CS5308 Datasheet HTML 10Page - ON Semiconductor CS5308 Datasheet HTML 11Page - ON Semiconductor CS5308 Datasheet HTML 12Page - ON Semiconductor CS5308 Datasheet HTML 13Page - ON Semiconductor CS5308 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CS5308
http://onsemi.com
10
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Oscillator Frequency vs. ROSC
Figure 4. VFB & VTTCT Currents vs. ROSC Value
Figure 5. GATE(H) Rise Time vs. Load Capacitance
Measured from 4.0 V to 1.0 V with VCC at 5.0 V
Figure 6. GATE(H) Fall Time vs. Load Capacitance
Measured from 4.0 V to 1.0 V with VCC at 5.0 V
Figure 7. GATE(L) Rise Time vs. Load Capacitance
Measured from 1.0 V to 4.0 V with VCC at 5.0 V
Figure 8. GATE(L) Fall Time vs. Load Capacitance
Measured from 1.0 V to 4.0 V with VCC at 5.0 V
100
ROSC Value (kW)
300
400
500
600
700
800
900
200
10
20
30
40
50
60
70
0
0
Load Capacitance, nF
20
60
80
100
120
24
68
12
10
14
16
40
0
0
Load Capacitance, nF
20
60
80
100
120
24
68
12
10
14
16
40
0
0
Load Capacitance, nF
20
60
80
100
120
24
68
12
10
14
16
40
0
0
Load Capacitance, nF
20
60
80
100
120
24
68
12
10
14
16
40
10
−50
ROSC Resistance (kW)
−45
−30
−25
−20
−15
−5
0
20
30
40
50
60
70
80
90
−10
−35
−40
5
15
45
55
65
75
95
105
85
35
25
IVFB @ 25°C
IVTTCT @ 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com