Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 334 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 334 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 331Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 332Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 333Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 334Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 335Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 336Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 337Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 338Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 39
TxCTS—Transmitter Clear-to-Send
1 = Enables clear-to-send operation. The transmitter checks the state of the
CTS
≈
input each time it is ready to send a character. If
CTS
≈ is asserted, the character
is transmitted. If
CTS
≈ is negated, the channel TxDx remains in the high state,
and the transmission is delayed until
CTS
≈ is asserted. Changes in CTS≈ while
a character is being transmitted do not affect transmission of that character. If
both TxCTS and TxRTS are enabled, TxCTS controls the operation of the
transmitter.
0 = The
CTS
≈ has no effect on the transmitter.
SB3–SB0—Stop-Bit Length Control
These bits select the length of the stop bit appended to the transmitted character as
listed in Table 7-10. Stop-bit lengths of nine-sixteenth to two bits, in increments of one-
sixteenth bit, are programmable for character lengths of six, seven, and eight bits. For a
character length of five bits, one and one-sixteenth to two bits are programmable in
increments of one-sixteenth bit. In all cases, the receiver only checks for a high
condition at the center of the first stop-bit position—i.e., one bit time after the last data
bit or after the parity bit, if parity is enabled.
If an external 1
× clock is used for the transmitter, MR2 bit 3 = 0 selects one stop bit, and
MR2 bit 3 = 1 selects two stop bits for transmission.
Table 7-10. SBx Control Bits
SB3
SB2
SB1
SB0
Length 6-8 Bits
Length 5 Bits
0
0
0
0
0.563
1.063
0
0
0
1
0.625
1.125
0
0
1
0
0.688
1.188
0
0
1
1
0.750
1.250
0
1
0
0
0.813
1.313
0
1
0
1
0.875
1.375
0
1
1
0
0.938
1.438
0
1
1
1
1.000
1.500
1
0
0
0
1.563
1.563
1
0
0
1
1.625
1.625
1
0
1
0
1.688
1.688
1
0
1
1
1.750
1.750
1
1
0
0
1.813
1.813
1
1
0
1
1.875
1.875
1
1
1
0
1.938
1.938
1
1
1
1
2.000
2.000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com