Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 332 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 332 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 329Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 331Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 332Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 333Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 334Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 335Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 336Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 37
OP0—Output Port 0/
RTSA
1 = The OP0/
RTSA pin functions as the ready-to-send signal for channel A. The
signal is asserted and negated according to the configuration programmed by
RxRTS bit 7 in the MR1A for the receiver and TxRTS bit 5 in the MR2A for the
transmitter.
0 = The OP0/
RTSA pin functions as a dedicated output. The signal reflects the
complement of the value of bit 0 of the OP.
7.4.1.16 OUTPUT PORT DATA REGISTER (OP). The bits in the OP register are set by
performing a bit set command (writing to offset $71E) and are cleared by performing a bit
reset command (writing to offset $71F). This register can only be written when the serial
module is enabled (i.e., the STP bit in the MCR is cleared).
Bit Set
OP
$71E
76543210
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
RESET:
00000000
Write Only
Supervisor/User
NOTE
OP bits 7, 5, 3, and 2 are not pinned out on the MC68340;
thus, changing these bits has no effect.
OP6, OP4, OP1, OP0—Output Port Parallel Outputs
1 = These bits can be set by writing a one to the bit position(s) at this address.
0 = These bits are not affected by writing a zero to this address.
Bit Reset
OP
$71F
76543210
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
RESET:
00000000
Write Only
Supervisor/User
NOTE
OP bits 7, 5, 3, and 2 are not pinned out on the MC68340;
thus, changing these bits has no effect.
OP6, OP4, OP1, OP0—Output Port Parallel Outputs
1 = These bits can be cleared by writing a one to the bit position(s) at this address.
0 = These bits are not affected by writing a zero to this address.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com