Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 328 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 328 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 324Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 325Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 326Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 329Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 331Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 332Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 33
DBB—Delta Break B
1 = The channel B receiver has detected the beginning or end of a received break.
0 = The CPU32 has issued a channel B reset break-change interrupt command.
Refer to 7.4.1.7 Command Register (CR) for more information on the reset
break-change interrupt command.
RxRDYB—Channel B Receiver Ready or FIFO Full
The function of this bit is programmed by MR1B bit 6.
1 = If programmed as receiver ready, a character has been received in channel B
and is waiting in the receiver buffer FIFO. If programmed as FIFO full, a
character has been transferred from the receiver shift register to the FIFO, and
the transfer has caused the channel B FIFO to become full (all three positions
are occupied).
0 = If programmed as receiver ready, the CPU32 has read the receiver buffer. After
this read, if more characters are still in the FIFO, the bit is set again after the
FIFO is 'popped'. If programmed as FIFO full, the CPU32 has read the receiver
buffer. If a character is waiting in the receiver shift register because the FIFO is
full, the bit will be set again when the waiting character is loaded into the FIFO.
TxRDYB—Channel B Transmitter Ready
This bit is the duplication of the TxRDY bit in SRB.
1 = The transmitter holding register is empty and ready to be loaded with a character.
This bit is set when the character is transferred to the transmitter shift register.
This bit is also set when the transmitter is first enabled. Characters loaded into
the transmitter holding register while the transmitter is disabled are not
transmitted.
0 = The transmitter holding register was loaded by the CPU32, or the transmitter is
disabled.
XTAL_RDY—Serial Clock Running
This bit is always read as a zero when the X1 clock is running. This bit cannot be
enabled to generate an interrupt.
1 = This bit is set at reset.
0 = This bit is cleared after the baud rate generator is stable. The CSR should not be
accessed until this bit is zero.
DBA—Delta Break A
1 = The channel A receiver has detected the beginning or end of a received break.
0 = The CPU32 has issued a channel A reset break-change interrupt command.
Refer to 7.4.1.7 Command Register (CR) for more information on the reset
break-change interrupt command.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com