Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 325 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 325 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 321Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 322Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 323Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 324Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 325Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 326Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 329Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 441 page
background image
7- 30
MC68340 USER’S MANUAL
MOTOROLA
RC1–RC0—Receiver Commands
These bits select a single command as listed in Table 7-8.
Table 7-8. RCx Control Bits
RC1
RC0
Command
0
0
No Action Taken
0
1
Enable Receiver
1
0
Disable Receiver
1
1
Do Not Use
No Action Taken—The no action taken command causes the receiver to stay in its
current mode. If the receiver is enabled, it remains enabled; if disabled, it remains
disabled.
Receiver Enable—The receiver enable command enables operation of the channel's
receiver. If the serial module is not in multidrop mode, this command also forces the
receiver into the search-for-start-bit state. If the receiver is already enabled, this
command has no effect.
Receiver Disable—The receiver disable command disables the receiver immediately.
Any character being received is lost. The command has no effect on the receiver status
bits or any other control register. If the serial module is programmed to operate in the
local loopback mode or multidrop mode, the receiver operates even though this
command is selected. If the receiver is already disabled, this command has no effect.
Do Not Use—Do not use this bit combination because the result is indeterminate.
7.4.1.8 RECEIVER BUFFER (RB). The receiver buffer contains three receiver holding
registers and a serial shift register. The channel's RxDx pin is connected to the serial shift
register. The holding registers act as a FIFO. The CPU32 reads from the top of the stack
while the receiver shifts and updates from the bottom of the stack when the shift register
has been filled (see Figure 7-4). This register can only be read when the serial module is
enabled (i.e., the STP bit in the MCR is cleared).
RBA, RBB
$713, $71B
76543210
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
RESET:
00000000
Read Only
Supervisor/User
RB7–RB0—These bits contain the character in the receiver buffer.
7.4.1.9 TRANSMITTER BUFFER (TB). The transmitter buffer consists of two registers,
the transmitter holding register and the transmitter shift register (see Figure 7-4). The
holding register accepts characters from the bus master if the TxRDY bit in the channel's
SR is set. A write to the transmitter buffer clears the TxRDY bit, inhibiting any more
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com