Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 324 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 324 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 320Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 321Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 322Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 323Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 324Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 325Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 326Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 328Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 29
Start Break—The start break command forces the channel's TxDx low. If the transmitter
is empty, the start of the break conditions can be delayed up to one bit time. If the
transmitter is active, the break begins when transmission of the character is complete. If
a character is in the transmitter shift register, the start of the break is delayed until the
character is transmitted. If the transmitter holding register has a character, that
character is transmitted after the break. The transmitter must be enabled for this
command to be accepted. The state of the
CTS
≈ input is ignored for this command.
Stop Break—The stop break command causes the channel's TxDx to go high (mark)
within two bit times. Characters stored in the transmitter buffer, if any, are transmitted.
Assert
RTS—The assert RTS command forces the channel's RTS
≈ output low.
Negate
RTS—The negate RTS command forces the channel's RTS
≈ output high.
TC1–TC0—Transmitter Commands
These bits select a single command as listed in Table 7-7.
Table 7-7. TCx Control Bits
TC1
TC0
Command
0
0
No Action Taken
0
1
Enable Transmitter
1
0
Disable Transmitter
1
1
Do Not Use
No Action Taken—The no action taken command causes the transmitter to stay in its
current mode. If the transmitter is enabled, it remains enabled; if disabled, it remains
disabled.
Transmitter Enable—The transmitter enable command enables operation of the
channel's transmitter. The TxEMP and TxRDY bits in the SR are also set. If the
transmitter is already enabled, this command has no effect.
Transmitter Disable—The transmitter disable command terminates transmitter operation
and clears the TxEMP and TxRDY bits in the SR. However, if a character is being
transmitted when the transmitter is disabled, the transmission of the character is
completed before the transmitter becomes inactive. If the transmitter is already
disabled, this command has no effect.
Do Not Use—Do not use this bit combination because the result is indeterminate.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com