Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 320 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 320 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 316Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 317Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 318Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 319Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 320Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 321Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 322Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 323Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 324Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 25
OE—Overrun Error
1 = One or more characters in the received data stream have been lost. This bit is
set upon receipt of a new character when the FIFO is full and a character is
already in the shift register waiting for an empty FIFO position. When this occurs,
the character in the receiver shift register and its break detect, framing error
status, and parity error, if any, are lost. This bit is cleared by the reset error status
command in the CR.
0 = No overrun has occurred.
TxEMP—Transmitter Empty
1 = The channel transmitter has underrun (both the transmitter holding register and
transmitter shift registers are empty). This bit is set after transmission of the last
stop bit of a character if there are no characters in the transmitter holding register
awaiting transmission.
0 = The transmitter buffer is not empty. The transmitter holding register is loaded by
the CPU32, or the transmitter is disabled. The transmitter is enabled/disabled by
programming the TCx bits in the CR.
TxRDY—Transmitter Ready
This bit is duplicated in the ISR; bit 0 for channel A and bit 4 for channel B.
1 = The transmitter holding register is empty and ready to be loaded with a character.
This bit is set when the character is transferred to the transmitter shift register.
This bit is also set when the transmitter is first enabled. Characters loaded into
the transmitter holding register while the transmitter is disabled are not
transmitted and are lost.
0 = The transmitter holding register was loaded by the CPU32, or the transmitter is
disabled.
FFULL—FIFO Full
1 = A character was transferred from the receiver shift register to the receiver FIFO
and the transfer caused the FIFO to become full (all three FIFO holding register
positions are occupied).
0 = The CPU32 has read the receiver buffer and one or more FIFO positions are
available. Note that if there is a character in the receiver shift register because
the FIFO is full, this character will be moved into the FIFO when a position is
available, and the FIFO will remain full.
RxRDY—Receiver Ready
1 = A character has been received and is waiting in the FIFO to be read by the
CPU32. This bit is set when a character is transferred from the receiver shift
register to the FIFO.
0 = The CPU32 has read the receiver buffer, and no characters remain in the FIFO
after this read.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com