Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 322 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 322 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 318Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 319Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 320Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 321Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 322Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 323Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 324Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 325Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 326Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 27
TCS3–TCS0—Transmitter Clock Select
These bits select the baud rate clock for the channel transmitter from a set of baud rates
listed in Table 7-5. The baud rate set selected depends upon ACR bit 7. Set 1 is
selected if ACR bit 7 = 0, and set 2 is selected if ACR bit 7 = 1. The transmitter clock is
always 16 times the baud rate shown in this list, except when SCLK is used.
Table 7-5. TCSx Control Bits
TCS3
TCS2
TCS1
TCS0
Set 1
Set 2
0
0
0
0
50
75
0
0
0
1
110
110
0
0
1
0
134.5
134.5
0
0
1
1
200
150
0
1
0
0
300
300
0
1
0
1
600
600
0
1
1
0
1200
1200
0
1
1
1
1050
2000
1
0
0
0
2400
2400
1
0
0
1
4800
4800
1
0
1
0
7200
1800
1
0
1
1
9600
9600
1
1
0
0
38.4k
19.2k
1
1
0
1
76.8k
38.4k
1
1
1
0
SCLK/16
SCLK/16
1
1
1
1
SCLK/1
SCLK/1
7.4.1.7 COMMAND REGISTER (CR). The CR is used to supply commands to the
channel. Multiple commands can be specified in a single write to the CR if the commands
are not conflicting—e.g., reset transmitter and enable transmitter commands cannot be
specified in a single command. This register can only be written when the serial module is
enabled (i.e., the STP bit in the MCR is cleared).
CRA, CRB
$712, $71A
76543210
MISC3
MISC2
MISC1
MISC0
TC1
TC0
RC1
RC0
RESET:
00000000
Write Only
Supervisor/User
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com