Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 321 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 321 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 317Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 318Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 319Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 320Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 321Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 322Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 323Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 324Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 325Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 441 page
background image
7- 26
MC68340 USER’S MANUAL
MOTOROLA
7.4.1.6 CLOCK-SELECT REGISTER (CSR). The CSR selects the baud rate clock for the
channel receiver and transmitter. This register can only be written when the serial module
is enabled (i.e., the STP bit in the MCR is cleared).
NOTE
This register should only be written after the external crystal is
stable (XTAL_RDY bit of the ISR is zero).
CSRA, CSRB
$711, $719
76543210
RCS3
RCS2
RCS1
RCS0
TCS3
TCS2
TCS1
TCS0
RESET:
00000000
Write Only
Supervisor/User
RCS3–RCS0—Receiver Clock Select
These bits select the baud rate clock for the channel receiver from a set of baud rates
listed in Table 7-4. The baud rate set selected depends upon the auxiliary control
register (ACR) bit 7. Set 1 is selected if ACR bit 7 = 0, and set 2 is selected if ACR bit
7 = 1. The receiver clock is always 16 times the baud rate shown in this list, except
when SCLK is used.
Table 7-4. RCSx Control Bits
RCS3
RCS2
RCS1
RCS0
Set 1
Set 2
0
0
0
0
50
75
0
0
0
1
110
110
0
0
1
0
134.5
134.5
0
0
1
1
200
150
0
1
0
0
300
300
0
1
0
1
600
600
0
1
1
0
1200
1200
0
1
1
1
1050
2000
1
0
0
0
2400
2400
1
0
0
1
4800
4800
1
0
1
0
7200
1800
1
0
1
1
9600
9600
1
1
0
0
38.4k
19.2k
1
1
0
1
76.8k
38.4k
1
1
1
0
SCLK/16
SCLK/16
1
1
1
1
SCLK/1
SCLK/1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com