Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 323 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 323 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 319Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 320Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 321Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 322Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 323Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 324Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 325Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 326Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 327Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 441 page
background image
7- 28
MC68340 USER’S MANUAL
MOTOROLA
MISC3–MISC0—Miscellaneous Commands
These bits select a single command as listed in Table 7-6.
Table 7-6. MISCx Control Bits
MISC3
MISC2
MISC1
MISC0
Command
0
0
0
0
No Command
0
0
0
1
No Command
0
0
1
0
Reset Receiver
0
0
1
1
Reset Transmitter
0
1
0
0
Reset Error Status
0
1
0
1
Reset Break-Change
Interrupt
0
1
1
0
Start Break
0
1
1
1
Stop Break
1
0
0
0
Assert
RTS
1
0
0
1
Negate
RTS
1
0
1
0
No Command
1
0
1
1
No Command
1
1
0
0
No Command
1
1
0
1
No Command
1
1
1
0
No Command
1
1
1
1
No Command
Reset Receiver—The reset receiver command resets the channel receiver. The receiver
is immediately disabled, the FFULL and RxRDY bits in the SR are cleared, and the
receiver FIFO pointer is reinitialized. All other registers are unaltered. This command
should be used in lieu of the receiver disable command whenever the receiver
configuration is changed because it places the receiver in a known state.
Reset Transmitter—The reset transmitter command resets the channel transmitter. The
transmitter is immediately disabled, and the TxEMP and TxRDY bits in the SR are
cleared. All other registers are unaltered. This command should be used in lieu of the
transmitter disable command whenever the transmitter configuration is changed
because it places the transmitter in a known state.
Reset Error Status—The reset error status command clears the channel's RB, FE, PE,
and OE bits (in the SR). This command is also used in the block mode to clear all error
bits after a data block is received.
Reset Break-Change Interrupt—The reset break-change interrupt command clears the
delta break (DBx) bits in the ISR.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com