Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 327 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 327 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 323Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 324Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 325Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 326Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 329Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 331Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 441 page
background image
7- 32
MC68340 USER’S MANUAL
MOTOROLA
7.4.1.11 AUXILIARY CONTROL REGISTER (ACR). The ACR selects which baud rate is
used and controls the handshake of the transmitter/receiver. This register can only be
written when the serial module is enabled (i.e., the STP bit in the MCR is cleared).
ACR
$714
76543210
BRG
00000
IECB
IECA
RESET:
00000000
Write Only
Supervisor/User
BRG—Baud Rate Generator Set Select
1 = Set 2 of the available baud rates is selected.
0 = Set 1 of the available baud rates is selected. Refer to 7.4.1.6 Clock-Select
Register (CSR) for more information on the baud rates.
IECB, IECA—Input Enable Control
1 = ISR bit 7 will be set and an interrupt will be generated when the corresponding bit
in the IPCR (COSB or COSA) is set by an external transition on the channel's
CTS
≈ input (if bit 7 of the interrupt enable register (IER) is set to enable
interrupts).
0 = Setting the corresponding bit in the IPCR has no effect on ISR bit 7.
7.4.1.12 INTERRUPT STATUS REGISTER (ISR). The ISR provides status for all potential
interrupt sources. The contents of this register are masked by the IER. If a flag in the ISR
is set and the corresponding bit in IER is also set, the
IRQ
≈ output is asserted. If the
corresponding bit in the IER is cleared, the state of the bit in the ISR has no effect on the
output. This register can only be read when the serial module is enabled (i.e., the STP bit
in the MCR is cleared).
NOTE
The IER does not mask reading of the ISR. True status is
provided regardless of the contents of IER. The contents of
ISR are cleared when the serial module is reset.
ISR
$715
76543210
COS
DBB
RxRDYB TxRDYB XTAL_
RDY
DBA
RxRDYA TxRDYA
RESET:
00001000
Read Only
Supervisor/User
COS—Change-of-State
1 = A change-of-state has occurred at one of the
CTS
≈ inputs and has been
selected to cause an interrupt by programming bit 1 and/or bit 0 of the ACR.
0 = The CPU32 has read the IPCR.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com