Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 330 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 330 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 326Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 329Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 331Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 332Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 333Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 334Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 35
RxRDYB—Channel B Receiver Ready or FIFO full
1 = Enable interrupt
0 = Disable interrupt
TxRDYB—Channel B Transmitter Ready
1 = Enable interrupt
0 = Disable interrupt
Bit 3—Reserved
DBA—Delta Break A
1 = Enable interrupt
0 = Disable interrupt
RxRDYA—Channel A Receiver Ready or FIFO full
1 = Enable interrupt
0 = Disable interrupt
TxRDYA—Channel A Transmitter Ready
1 = Enable interrupt
0 = Disable interrupt
7.4.1.14 INPUT PORT (IP). The IP register shows the current state of the
CTS
≈ inputs.
This register can only be read when the serial module is enabled (i.e., the STP bit in the
MCR is cleared).
IP
$71D
76543210
000000
CTSB
CTSA
RESET:
000000U
U
Read Only
Supervisor/User
CTSB, CTSA—Current State
1 = The current state of the respective
CTS
≈ input is negated.
0 = The current state of the respective
CTS
≈ input is asserted.
The information contained in these bits is latched and reflects the state of the input pins
at the time that the IP is read.
NOTE
These bits have the same function and value of the IPCR bits 1
and 0.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com