Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 331 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 331 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 329Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 331Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 332Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 333Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 334Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 335Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 441 page
background image
7- 36
MC68340 USER’S MANUAL
MOTOROLA
7.4.1.15 OUTPUT PORT CONTROL REGISTER (OPCR). The OPCR individually
configures four bits of the 8-bit parallel OP for general-purpose use or as an auxiliary
function serving the communication channels. This register can only be written when the
serial module is enabled (i.e., the STP bit in the MCR is cleared).
OPCR
$71D
76543210
OP7
T
≈RDYB
OP6
T
≈RDYA
OP5
R
≈RDYB
OP4
R
≈RDYA
OP3
OP2
OP1
RTSB
OP0
RTSA
RESET:
00000000
Write Only
Supervisor/User
NOTE
OP bits 7, 5, 3, and 2 are not pinned out on the MC68340; thus
changing bits 7, 5, 3, and 2 of this register has no effect.
OP6—Output Port 6/
T
≈RDYA
1 = The OP6/
T
≈RDYA pin functions as the transmitter-ready signal for channel A.
The signal reflects the complement of the value of bit 2 of the SRA; thus,
T
≈RDYA is a logic zero when the transmitter is ready.
0 = The OP6/
T
≈RDYA pin functions as a dedicated output. The signal reflects the
complement of the value of bit 6 of the OP.
OP4—Output Port 4/
R
≈RDYA
1 = The OP4/
R
≈RDYA pin functions as the FIFO-full or receiver-ready signal for
channel A (depending on the value of bit 6 of MR1A). The signal reflects the
complement of the value of ISR bit 1; thus,
R
≈RDYA is a logic zero when the
receiver is ready.
0 = The OP4/
R
≈RDYA pin functions as a dedicated output. The signal reflects the
complement of the value of bit 4 of the OP.
OP1—Output Port 1/
RTSB
1 = The OP1/
RTSB pin functions as the ready-to-send signal for channel B. The
signal is asserted and negated according to the configuration programmed by
RxRTS bit 7 in the MR1B for the receiver and TxRTS bit 5 in the MR2B for the
transmitter.
0 = The OP1/
RTSB pin functions as a dedicated output. The signal reflects the
complement of the value of bit 1 of the OP.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com