Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 329 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 329 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 325Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 326Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 327Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 328Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 329Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 330Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 331Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 332Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 333Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 441 page
background image
7- 34
MC68340 USER’S MANUAL
MOTOROLA
RxRDYA—Channel A Receiver Ready or FIFO Full
The function of this bit is programmed by MR1A bit 6.
1 = If programmed as receiver ready, a character has been received in channel A
and is waiting in the receiver buffer FIFO. If programmed as FIFO full, a
character has been transferred from the receiver shift register to the FIFO, and
the transfer has caused the channel A FIFO to become full (all three positions
are occupied).
0 = If programmed as receiver ready, the CPU32 has read the receiver buffer. After
this read, if more characters are still in the FIFO, the bit is set again after the
FIFO is 'popped'. If programmed as FIFO full, the CPU32 has read the receiver
buffer. If a character is waiting in the receiver shift register because the FIFO is
full, the bit will be set again when the waiting character is loaded into the FIFO.
TxRDYA—Channel A Transmitter Ready
This bit is the duplication of the TxRDY bit in SRA.
1 = The transmitter holding register is empty and ready to be loaded with a character.
This bit is set when the character is transferred to the transmitter shift register.
This bit is also set when the transmitter is first enabled. Characters loaded into
the transmitter holding register while the transmitter is disabled are not
transmitted.
0 = The transmitter holding register was loaded by the CPU32, or the transmitter is
disabled.
7.4.1.13 INTERRUPT ENABLE REGISTER (IER). The IER selects the corresponding bits
in the ISR that cause an interrupt output (
IRQ
≈). If one of the bits in the ISR is set and the
corresponding bit in the IER is also set, the
IRQ
≈ output is asserted. If the corresponding
bit in the IER is zero, the state of the bit in the ISR has no effect on the
IRQ
≈ output. The
IER does not mask the reading of the ISR. The ISR XTAL_RDY bit cannot be enabled to
generate an interrupt. This register can only be written when the serial module is enabled
(i.e., the STP bit in the MCR is cleared).
IER
$715
76543210
COS
DBB
RxRDYB TxRDYB
0
DBA
RxRDYA TxRDYA
RESET:
00000000
Write Only
Supervisor/User
COS—Change-of-State
1 = Enable interrupt
0 = Disable interrupt
DBB—Delta Break B
1 = Enable interrupt
0 = Disable interrupt
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com