Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 436 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 436 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 432Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 433Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 434Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 435Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 436Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 437Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 438Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 439Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 440Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 441 page
background image
Index-4
MC68340 USER’S MANUAL
MOTOROLA
Fetch Effective Address Instruction Timing Table, 5-99
FFULL Bit, 7-25
FFULLA Signal, 7-7
Fill Memory Block Command, 5-82
FIRQ Bit, 4-5, 4-16, 4-22, 4-35–4-36
FORCE_BGND, 5-72
Format Error Exception, 5-47, 5-52
Four-Word Stack Frame, 5-51, 5-60
Framing Error, 7-11, 7-24
Freeze Operation, 4-17, 6-24, 7-20, 8-19
FREEZE Signal, 2-10, 4-3, 4-17, 4-22–4-23, 4-36,
5-66–5-68, 5-71–5-72
Frequency Adjusted Signal
Skew, 10-9
Width, 10-8
Frequency Divider, 4-12
FRZ Bits, 4-17–4-18, 4-21–4-22, 4-36, 6-24, 7-20,
7-46, 8-19, 8-27,
FTE Bit, 4-14, 4-30
Full Format Instruction Word,
Function Code, 3, 6-18, 6-32
Encoding, 2-5, 3-3
Register, 6-7, 6-10, 6-12, 6-15, 6-32, 6-38, 6-37
Signals, 2-5, 3-2, 3-17
— G —
Global Chip Select, 4-14–4-15, 4-36
GO Command, 5-68, 5-83–5-84
— H —
Halt
Operation, 3-38, 3-39, 3-41
Signal, 2-8, 3-4, 3-13–3-15, 3-30, 3-32–3-38,
4-4, 4-6, 4-17
Halted Processing State,
Halted Processor Causes, 3-40
Hardware Breakpoints, 5-60, 5-64–5-65
— I —
IACK Signals, 4-15, 4-34
IARB Bits, 4-5, 4-22, 4-36, 6-25–6-26, 6-36,
7-21, 7-46, 8-19, 8-27
ICCS Bit, 7-20, 7-46
IE Bits, 8-4, 8-8–8-9, 8-21, 8-27
IEC Bits, 7-32, 7-46
IEEE 1149.1, 4-2, 9-1
Capabilities, 9-1, 9-4
Implementation, 9-2
Block Diagram, 9-2
Instruction Encoding, 9-10
Control Bits, 9-4
Restrictions, 9-11
IFETCH Signal, 5-64, 5-68–5-69, 5-87–5-88
IL Bits, 7-21, 7-46, 8-20, 8-27
IMB, 6-19, 7-1, 8-1
Immediate Arithmetic/Logical Instruction Timing
Table, 5-105
IN Bit, 5-53, 5-56, 5-61
Input Port, 7-35
Change Register, 7-31
Instruction
Cycles, 5-97
Execution Overlap, 5-91–5-92, 5-94–5-95
Execution Time Calculation, 5-92–5-93
Fetch Signal, 2-19
Heads, 5-91–5-94, 5-97
Pipe Signal, 2-10
Pipeline Operation, 5-89–5-90, 5-93
Register, 9-9–9-10
Stream Timing Examples, 5-94–5-97
Tails, 5-91–5-94, 5-97
Timing Table Overview, 5-97–5-98
INTB Bit, 6-20, 6-27, 6-36
INTE Bit, 6-20, 6-27, 6-36
Integer Arithmetic Operations, 5-46–5-47
Internal
Autovector, 3-4, 3-29, 4-23, 4-36
Bus Arbitration, 6-18
Bus Masters, 4-6, 6-25
Bus Monitor, 3-4, 3-32, 4-4, 4-6, 4-17
Data Multiplexer, 3-7
DMA Request, 6-2, 6-4, 6-5
DSACK signals, 3-5, 3-13–3-14, 3-28, 4-2, 4-4,
4-14–4-15, 4-32
Exceptions, 5-66
Interrupt
Acknowledge Arbitration, 4-6, 6-25–6-26, 7-17
Acknowledge Cycle Types, 3-27
Autovector, 3-29
Autovector, Timing, 3-31
Flowchart, 3-28
Terminated Normally, 3-27, 4-7
Timing, 3-29
Acknowledge Cycle, 3-27
Acknowledge Signals, 3-29
Arbitration, 4-5–4-6, 7-21
Enable Register, 7-4, 7-34, 7-46
Exception, 5-68–5-69
Level Register, 7-21, 7-46
Register, 6-26, 8-20, 8-27
Request Signals, 2-5–2-6, 3-27–3-28, 6-26, 7-3,
7-21, 7-34, 8-4, 8-8, 8-9, 8-20
Status Register, 7-4, 7-22, 7-32, 7-34, 7-46
Vector Register, 7-4, 7-17, 7-21, 7-46
INTL Bits, 6-26, 6-36
INTN Bit, 6-27, 6-36
INTV Bits, 6-26, 6-36
IPIPE Signal, 5-87–5-88, 5-64, 5-68–5-69
IRQ Bit, 6-20, 6-31, 8-23
ISM Bits, 6-25, 6-36
IVR Bits, 7-22, 8-20, 8-27
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com