Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 439 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 439 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 433Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 434Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 435Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 436Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 437Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 438Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 439Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 440Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 441Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 439 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
Index-7
R
≈RDYA Signal, 7-7, 7-36
RxRDYB Bit, 7-33, 7-35
RxRTS Bit, 7-22, 7-47
— S —
S/D Bit, 6-30, 6-37
SAPI Bits, 6-12, 6-19, 6-28, 6-37
Save and Restore Operations Timing Table, 5-113
SB Bits, 7-39, 7-47
SCLK Signal, 7-3, 7-6, 7-8, 7-20
SE Bit, 6-25, 6-36
Selected Clock, 8-3, 8-21
Serial
Clock Signal, 2-11
Command Control, 7-27
Communication Overview, 7-3
Compatibility with MC68681, 7-4
Crystal Oscillator, 7-3, 7-5
Diagnostic Functions, 7-14
Initialization, 7-46–7-49
Interface Timing, 5-68–5-71
Interface, 10-4–10-5
Maximum Data Transfer Rate, 7-2
Module Capabilities, 7-2
Module Programming Model, 7-19
Module Programming, 7-40
State Machine, 5-69–5-71
SFC Bits, 6-32
Shadowing, 8-6–8-7
SHEN Bits, 4-5, 4-22
Shift and Rotate
Instructions, 5-24–5-25
Instruction Timing Table, 5-108
Show Cycles, 4-3, 4-22
Operation, 3-42–3-43, 3-45
Signal Relationships to CLKOUT, 10-7
Signal Widths, 10-8
SIM40
Configuration, 4-3
Programming Model, 4-19
Simultaneous Interrupts, 4-9
Single Address
Mode, 6-2, 6-6–6-7, 6-10, 6-19, 6-27, 6-37
Source Read, 6-7–6-8
Source Write, 6-10–6-11
Single Operand Instruction Timing Table, 5-107
Single Step Operation, 3-36
Six-Word Stack Frame, 5-52, 5-60
SIZ Bits, 5-56–5-57, 5-73
Size
Signal Encoding, 2-7, 3-3
Signals, 2-7, 3-3, 3-5–3-7
Skew Between Outputs, 10-9
Slave Station, 7-15
SLIMP Bit, 4-11, 4-29
SLOCK, 4-11, 4-29
Software
Breakpoints, 5-53–5-54
Interrupt Vector Register, 4-7, 4-24, 4-36
Operation, 4-4, 4-6, 4-17, 4-27
Service Register, 4-7, 4-28
Service Routine, 4-7, 4-25
Timeout, 4-25
Watchdog, 4-1, 4-4, 4-6
Watchdog Clock Rate, 4-7
Source Address Register, 6-7, 6-12, 6-18–6-19,
6-28, 6-33, 6-37, 6-38
Special Status Word, 5-45, 5-52
Special-Purpose MOVE Instruction Timing Table,
5-101–5-102
Spurious Interrupt, 3-29
Monitor, 4-1, 4-4, 4-6, 4-17,
Square-Wave Generation, 8-6, 8-8–8-9
SRAM Interface, 10-3
SSIZE Bits, 6-12, 6-19, 6-29, 6-37
Stack
Frames, 5-60–5-63
Pointer, 5-60–5-63
Start Break Command, 7-29
Status Register, 5-57, 5-59–5-60, 5-62–5-63, 7-10,
7-11, 7-24, 8-2, 8-4, 8-23–8-25
STEXT Bit, 4-13, 4-17, 4-29, 4-36
Stop Bit, 7-11
Length, 7-39
Stop Break Command, 7-29
STOP Instruction, 4-17
Stop Module Operation, 6-24, 7-20, 8-19
Stopped Processing State, 5-37
STP Bit, 4-17, 6-24, 6-36, 7-20, 7-46, 8-19,
STR Bit, 6-3, 6-4, 6-5, 6-19, 6-30, 6-35, 6-37–6-38
STSIM Bit, 4-13, 4-17, 4-29, 4-36
Supervisor Privilege Level, 3-3
SUPV Bit, 4-22, 6-22, 6-25, 6-36, 7-21, 7-46, 8-19,
8-27
Surface Interpolation with Tables, 5-29–5-36
SW Bit, 4-23
SWE Bit, 4-6, 4=24, 4-37
SWP Bit, 4-7, 4-25, 4-27, 4-37
SWR Bit, 8-6, 8-8, 8-13, 8-20, 8-27
SWRI Bit, 4-7, 4-24, 4-37
SWT Bits, 4-7, 4-25, 4-37
Synchronous
Accesses, 3-4
Operation, 3-14
System
Clock, 8-3
Configuration and Protection, 4-1, 4-3, 4-6
Control Instructions, 5-27–5-28
Protection and Control Register, 4-6, 4-24, 4-37
— T —
Table Lookup and Interpolate Instructions, 5-7,
5-12, 5-29–5-36
TAP Controller, 9-2–9-3
TC Bits, 8-7, 8-24
TCK Signal, 2-13, 9-2, 9-11, 9-12
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com