Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 440 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 440 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 433Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 434Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 435Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 436Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 437Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 438Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 439Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 440Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 441Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 440 / 441 page
background image
Index-8
MC68340 USER’S MANUAL
MOTOROLA
TCS Bits, 7-27
TDI Signal, 2-13, 9-2
TDO Signal, 2-13, 9-2, 9-4
Test Access Port, 9-1
TG Bit, 8-6, 8-8, 8-23–8-24, 8-27
TGE Bit, 8-8–8-11, 8-15, 8-24, 8-27
TGL Bit, 8-7, 8-24
Thermal Characteristics, 11-1
Three Point Three Volts, 10-11
Timeout, 8-2, 8-7–8-9, 8-12, 8-15
Timer
Bypass, 8-16
Clock Selection Logic, 8-3
Compare Function, 8-2, 8-6–8-9, 8-11–8-12, 8-14,
8-15, 8-25
Counter, 8-2
Counting Function, 8-13, 8-15
Gate Signal, 2-12, 8-6, 8-7–8-16, 8-21, 8-24–8-25
Input Signal, 2-12, 8-2, 8-5–8-17
Interrupt Operation, 8-4, 8-17, 8-19, 8-21,
8-23–8-24, 8-27
Output Signal, 2-12, 8-2, 8-5–8-17
Prescaler, 8-2–8-3, 8-21
Programming Model, 8-28
Uses, 8-2
Using to Compare Values, 8-6–8-8
TMS Signal, 2-13, 9-2
TO Bit, 8-8–8-9, 8-23–8-24, 8-27
Toggle Mode, 8-23
TP Bit, 5-61
TR Bit, 5-56, 5-58, 5-61
Trace
Exception, 5-57
Modes, 5-10
on Instruction Execution, 5-63
Tracing, 5-56–5-58
Control Bits Encoding, 5-53
Transfer Cases, 3-5
Mechanism, 3-5, 3-16–3-18
Transition to Background Mode, 5-65–5-68
Transmit
Data Signal, 2-11
Shift Register, 7-9, 7-11
Transmitter, 7-10–7-11
Baud Rates, 7-27
Buffer, 7-9–7-10, 7-25, 7-30–7-31
Disable Command, 7-29
Enable Command, 7-29
Holding Register, 7-9–7-10, 7-25, 7-33
Ready Signal, 2-11
Timing, 7-10
TRAP Instruction, 5-46
Two-Clock Bus Cycles, 10-3
TxCTS Bit, 7-39, 7-47
TxDx Signal, 7-3, 7-6, 7-10, 7-14, 7-29
TxEMP Bit, 7-10, 7-25, 7-28
TxRDY Bit, 7-10, 7-25, 7-28, 7-31
TxRDYA Bit, 7-34–7-35
TxRDYA Signal, 7-7, 7-36
TxRDYB Bit, 7-33, 7-35
TxRTS Bit, 7-38, 7-47
Types of DMA Interrupts, 6-20
— U —
Unimplemented Instructions, 5-12
Emulation, 5-74
Exception, 5-48, 5-50
UNLK Instruction, 5-36
Use of Chip Selects, 4-15, 10-3–10-4
User
Privilege Level, 5-7, 5-37–5-38, 5-48
Using
8-Bit Boot ROM, 10-5
TGATE as an Input Port, 8-16
Table Lookup and Interpolate Instructions, 5-7, 5-12,
5-20–5-35
TOUT as an Output Port, 8-16–8-17
— V —
V Bit, 4-14–4-15, 4-20, 4-31, 4-36
Variable Duty-Cycle Square-Wave Generator, 8-9–8-10
Variable-Width Single-Shot Pulse Generator, 8-10–8-12
VCCSYN, 2-13, 4-9–4-11, 10-2–10-3
Vector Base Register, 5-4, 5-10, 5-39–5-41, 5-43
Vector Numbers, 5-34–5-40
Virtual Memory, 5-2
Voltage-Controlled Oscillator, 4-9–4-12, 4-28–4-29,
10-1–10-2
— W —
W Bit, 4-10, 4-12–4-13, 4-28, 4-36
Wait States, 3-14, 3-16–3-20, 4-1, 4-14–4-15, 4-17,
4-32
Wakeup Mode, 7-15
Word Operands, 5-12
WP Bit, 4-14
Write
A/D Register Command, 5-77–5-79
Cycle Word, Flowchart, 3-18
Memory Location Command, 5-79–5-80
System Register Command, 5-78–5-79
Write-Pending Buffer, 5-91
— X —
X Bit, 4-9, 4-11–4-13, 4-28, 4-36
X1 Signal, 2-11, 7-5
X2 Signal, 2-11, 7-5
XFC Pin, 2-9, 4-12, 10-2–10-3
XTAL Pin, 2-9, 4-9–4-11, 10-1–10-2
XTAL_RDY Bit, 7-4, 7-26, 7-33–7-34, 7-46
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com