Electronic Components Datasheet Search
  English  ▼

X  

ADT7462 Datasheet(PDF) 49 Page - Analog Devices

Part # ADT7462
Description  Flexible Temperature and Voltage Monitor and System Fan Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7462 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADT7462 Datasheet HTML 45Page - Analog Devices ADT7462 Datasheet HTML 46Page - Analog Devices ADT7462 Datasheet HTML 47Page - Analog Devices ADT7462 Datasheet HTML 48Page - Analog Devices ADT7462 Datasheet HTML 49Page - Analog Devices ADT7462 Datasheet HTML 50Page - Analog Devices ADT7462 Datasheet HTML 51Page - Analog Devices ADT7462 Datasheet HTML 52Page - Analog Devices ADT7462 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
ADT7462
Rev. 0 | Page 49 of 92
DYNAMIC TMIN CONTROL PROGRAMMING
Because the dynamic TMIN control mode is a basic extension of
the automatic fan control mode, the automatic fan control mode
parameters should be programmed first (see Step 1—Configuring
the MUX through Step 8—Operating Points for Temperature
Channels). Then proceed with dynamic TMIN control mode
programming.
STEP 8—OPERATING POINTS FOR TEMPERATURE
CHANNELS
The operating point for each temperature channel is the optimal
temperature for that thermal zone. The hotter each zone is
allowed to be, the quieter the system, because the fans are not
required to run as fast. The ADT7462 increases or decreases fan
speeds as necessary to maintain the operating point temperature,
allowing for system-to-system variation and removing the need
for worst-case design. If a sensible operating point value is
chosen, any TMIN value can be selected in the system characteri-
zation. If the TMIN value is too low, the fans run sooner than
required, and the temperature is below the operating point. In
response, the ADT7462 increases TMIN to keep the fans off
longer and to allow the temperature zone to get closer to the
operating point. Likewise, too high a TMIN value causes the
operating point to be exceeded, and in turn, the ADT7462
reduces TMIN to turn the fans on sooner to cool the system.
Programming the Operating Point Registers
There are two operating point registers, one for the Remote 1
temperature channel and one for the Remote 2 temperature
channel. These 8-bit registers allow the operating point
temperatures to be programmed with 1°C resolution.
Operating Point Registers
Register 0x5A, Remote 1 Operating Point = 0xA4 (100°C default)
Register 0x5B, Remote 2 Operating Point = 0xA4 (100°C default)
Operating Point Hysteresis Register
The operating point hysteresis register sets the value below the
operating point at which TMIN begins to reduce.
Register 0x64, Bits [7:4], Operating Point Hysteresis = 0x40
(4°C default)
STEP 9—HIGH AND LOW LIMITS FOR
TEMPERATURE CHANNELS
The low limit defines the temperature at which the TMIN value
starts to be increased, if temperature falls below this value. This
has the net effect of reducing the fan speed, allowing the system
to get hotter. An interrupt can be generated when the tempera-
ture drops below the low limit.
The high limit should be set above the operating point but
below the critical THERM point. An interrupt can be generated
when the temperature rises above the high limit.
How Dynamic TMIN Control Works
The basic premise is as follows:
1.
Set the target temperature for the temperature zone, which
could be, for example, the Remote 1 thermal diode. This value
is programmed to the Remote 1 operating temperature register.
2.
As the temperature in that zone rises toward and exceeds
the operating point temperature minus hysteresis, TMIN is
reduced, and fan speed increases.
3.
As the temperature drops below the low limit value, TMIN is
increased, and the fan speed is reduced.
Short Cycle and Long Cycle
The ADT7462 implements two loops: a short (or decrease)
cycle and a long (or increase) cycle. The short cycle takes place
every n monitoring cycles. The long cycle takes place every 2n
monitoring cycles. The value of n is programmable for each
temperature channel. The bits are located at the following
register locations:
Dynamic TMIN Control Register 2 (0x0C)
Remote 1 = CYR1 = Bits [2:0]
Remote 2 = CYR2 = Bits [5:3]
Table 29. Cycle Bit Assignments
Code
Short Cycle
Long Cycle
000
8 cycles
1 sec
16 cycles
2 sec
001
16 cycles
2 sec
32 cycles
4 sec
010
32 cycles
4 sec
64 cycles
8 sec
011
64 cycles
8 sec
128 cycles
16 sec
100
128 cycles
16 sec
256 cycles
32 sec
101
256 cycles
32 sec
512 cycles
64 sec
110
512 cycles
64 sec
1024 cycles
128 sec
111
1024 cycles
128 sec
2048 cycles
256 sec
The cycle time must be chosen carefully. A long cycle time
means that TMIN is updated less often. If your system has very
fast temperature transients, the dynamic TMIN control loop is
always lagging. If you choose a cycle time that is too fast, the
full benefit of changing TMIN is not realized and needs to change
again on the next cycle. In effect, it is overshooting. It is necessary
to carry out some calibration to identify the most suitable
response time.
Figure 67 shows the steps taken during the short cycle.
IS T1(n) – T1(n – 1) = 0.5 – 0.75°C
IS T1(n) – T1(n – 1) = 1.0 – 1.75°C
IS T1(n) – T1(n – 1) > 2.0°C
IS T1(n) >
(OP1 – HYS)
YES
IS T1(n) – T1(n – 1)
≤ 0.25°C
DO NOTHING
(SYSTEM
COOLING IS OFF
OR CONSTANT)
YES
NO
NO
DO NOTHING
WAIT n
MONITORING
CYCLES
PREVIOUS
TEMPERATURE
MEASUREMENT
T1 (n – 1)
CURRENT
TEMPERATURE
MEASUREMENT
T1(n)
OPERATING
POINT
TEMPERATURE
OP1
DECREASE TMIN BY 1°C
DECREASE TMIN BY 2°C
DECREASE TMIN BY 4°C
Figure 67. Short Cycle Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com