Electronic Components Datasheet Search
  English  ▼

X  

ADT7462 Datasheet(PDF) 71 Page - Analog Devices

Part # ADT7462
Description  Flexible Temperature and Voltage Monitor and System Fan Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7462 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADT7462 Datasheet HTML 67Page - Analog Devices ADT7462 Datasheet HTML 68Page - Analog Devices ADT7462 Datasheet HTML 69Page - Analog Devices ADT7462 Datasheet HTML 70Page - Analog Devices ADT7462 Datasheet HTML 71Page - Analog Devices ADT7462 Datasheet HTML 72Page - Analog Devices ADT7462 Datasheet HTML 73Page - Analog Devices ADT7462 Datasheet HTML 74Page - Analog Devices ADT7462 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
ADT7462
Rev. 0 | Page 71 of 92
Table 45. Register 0x0D THERM Configuration Register1
Bit
Name
R/W
Description
0
Boost 1
R/W
Setting this bit to 0 causes the fans to go to full speed on assertion of THERM1 as an output. Setting
this bit to 1 means that the fan speed is not affected when the THERM1 temperature limit is exceeded.
Default = 0.
1
Boost 2
R/W
Setting this bit to 0 causes the fans to go to full speed on assertion of THERM2 as an output. Setting
this bit to 1 means that the fan speed is not affected when the THERM2 temperature limit is exceeded.
Default = 0.
[4:2]
THERM1 Timer
Window
R/W
These bits set the timer window for measuring THERM1 assertions.
000 = 0.25 sec
001 = 0.5 sec
010 = 1 sec
011 = 2 sec
100 = 4 sec
101 = 8 sec
110 = 8 sec
111 = 8 sec
[7:5]
THERM2 Timer
Window
R/W
These bits set the timer window for measuring THERM2 assertions.
000 = 0.25 sec
001 = 0.5 sec
010 = 1 sec
011 = 2 sec
100 = 4 sec
101 = 8 sec
110 = 8 sec
111 = 8 sec
1 POR = 0x00, Lock = Y, SW Reset = Y.
Table 46. Register 0x0E THERM1 Configuration Register1
Bit
Name
R/W
Description
0
Enable THERM1 Timer
R/W
Enables the THERM1 timer circuit. Default = 0.
1
THERM1_Local
R/W
Setting the bit to 1 means that the THERM1 pin is asserted low as an output whenever
the local temperature exceeds the Local THERM1 temperature limit. Default = 0.
2
THERM1_Remote 1
R/W
Setting the bit to 1 means that the THERM1 pin is asserted low as an output whenever
the Remote 1 temperature exceeds the Remote 1 THERM1 temperature Limit. Default = 0.
3
THERM1_Remote 2
R/W
Setting the bit to 1 means that the THERM1 pin is asserted low as an output whenever
the Remote 2 temperature exceeds the Remote 2 THERM1 temperature Limit. Default = 0.
4
THERM1_Remote 3
R/W
Setting the bit to 1 means that the THERM1 pin is asserted low as an output whenever
the Remote 3 temperature exceeds the Remote 3 THERM1 temperature limit. Default = 0.
[7:5]
Reserved
R
Reserved for future use.
1 POR = 0x00, Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com