Electronic Components Datasheet Search
  English  ▼

X  

ADT7462 Datasheet(PDF) 67 Page - Analog Devices

Part # ADT7462
Description  Flexible Temperature and Voltage Monitor and System Fan Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7462 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADT7462 Datasheet HTML 63Page - Analog Devices ADT7462 Datasheet HTML 64Page - Analog Devices ADT7462 Datasheet HTML 65Page - Analog Devices ADT7462 Datasheet HTML 66Page - Analog Devices ADT7462 Datasheet HTML 67Page - Analog Devices ADT7462 Datasheet HTML 68Page - Analog Devices ADT7462 Datasheet HTML 69Page - Analog Devices ADT7462 Datasheet HTML 70Page - Analog Devices ADT7462 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
ADT7462
Rev. 0 | Page 67 of 92
Table 35. Register 0x00 Configuration Register 01
Bit
Name
R/W
Description
[5:0]
#Bytes Block Read
R/W
These bits set the number of registers to be read in a Block Read. Default = 0x20.
6
VID Decoder
R/W
0 = VR10 Decoding Spec; 1 = VR11 Decoding Spec. Default = 0.
7
SW Reset
R/W
Setting this bit to 1 restores all unlocked registers to their default values. Self clearing.
Write 0x6D to register 0x7B before setting this bit to get a software reset. Default = 0.
1 POR = 0x20, Lock = Y, SW Reset = Y.
Table 36. Register 0x01 Configuration Register 11
Bit
Name
R/W
Description
0
Monitor
R/W
Setting this bit to 1 enables temperature and voltage measurements. When this bit is set to 0,
temperature and voltage measurements are disabled. Default = 1.
1
Reserved
R/W
Reserved. Default = 0.
2
Reserved
R/W
Reserved. Default = 0.
3
ALERT Mode
R/W
This bit sets the ALERT mode in the ADT7462. 1 = comparator mode, 0 SMBALERT mode (default).
4
Fast Spin-Up
Disable
R/W
Setting this bit to 1 disables the fast spin-up (for 2 TACH pulses) for the fan. Instead, the fans spin up
for the programmed fan start-up timeout. Default = 0.
5
Setup Complete
R/W
Setting this bit to 1 tells the ADT7462 that setup is complete and that monitoring of all selected
channels should begin. Default = 0.
6
Lock
Write
Once
Logic 1 locks all limit values to their current settings. Once this bit is set, all lockable registers become
read only and cannot be modified until the ADT7462 is powered down and powered up again. This
prevents rogue programs, such as viruses, from modifying critical system limit settings. Lockable.
7
RDY
R
This bit is set to 1 to indicate that the ADT7462 is fully powered up and ready to start monitoring.
1 POR = 0x81, Lock = Y, SW Reset = Y.
Table 37. Register 0x02 Configuration Register 21
Bit
Name
R/W
Description
0
Fast
R/W
In low frequency, PWM fan speed measurements are made once a second. Setting this bit to 1
increases the frequency of the fan speed measurements to 4 times a second. Default = 0.
1
Reserved
R/W
Reserved. Default = 0.
2
PWM Mode
R/W
This bit sets the PWM frequency mode. 0 = low frequency PWM; frequency programmable
between 11 Hz and 88.2 Hz. Default = 35.3 Hz. 1 = high frequency mode, 22.5 kHz.
3
VRD1 Boost
R/W
Setting this bit to 0 causes the fans to go to full speed on assertion of VRD1. Default = 0.
When this bit is set to 1, VRD1 assertions have no effect on the fan speed.
4
VRD2 Boost
R/W
Setting this bit to 0 causes the fans to go to full speed on assertion of VRD2. Default = 0.
When this bit is set to 1, VRD2 assertions have no effect on the fan speed.
5
Fans Full Speed
R/W
Setting this bit to 1 drives the fans to full speed. Default = 0.
[7:6]
#TACH Pulses
R/W
In low frequency mode, the ADT7462 must pulse stretch to get an accurate fan speed measurement.
The speed is always measured between the 2nd rising edge and one × TACH pulses later. This bit
determines the last TACH pulse. Therefore, if the fan speed is to be measured between the second and
fourth TACH pulse, 01 is written to these bits.
x = 1 = 00
x = 2 = 01 (default)
x = 3 = 10
x = 4 = 11
1 POR = 0x40, Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com