Electronic Components Datasheet Search
  English  ▼

X  

ADT7462 Datasheet(PDF) 72 Page - Analog Devices

Part # ADT7462
Description  Flexible Temperature and Voltage Monitor and System Fan Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7462 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADT7462 Datasheet HTML 68Page - Analog Devices ADT7462 Datasheet HTML 69Page - Analog Devices ADT7462 Datasheet HTML 70Page - Analog Devices ADT7462 Datasheet HTML 71Page - Analog Devices ADT7462 Datasheet HTML 72Page - Analog Devices ADT7462 Datasheet HTML 73Page - Analog Devices ADT7462 Datasheet HTML 74Page - Analog Devices ADT7462 Datasheet HTML 75Page - Analog Devices ADT7462 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
ADT7462
Rev. 0 | Page 72 of 92
Table 47. Register 0x0F THERM2 Configuration Register1
Bit
Name
R/W
Description
0
Enable THERM2 Timer
R/W
Enables the THERM2 timer circuit. Default = 0
1
THERM2_Local
R/W
Setting the bit to 1 means that the THERM2 pin is asserted low as an output whenever
the local temperature exceeds the local THERM2 temperature limit. Default = 0.
2
THERM2_Remote 1
R/W
Setting the bit to 1 means that the THERM2 pin is asserted low as an output whenever
the Remote 1 temperature exceeds the Remote 1 THERM2 temperature limit. Default = 0.
3
THERM2_Remote 2
R/W
Setting the bit to 1 means that the THERM2 pin is asserted low as an output whenever
the Remote 2 temperature exceeds the Remote 2 THERM2 temperature limit. Default = 0.
4
THERM2_Remote 3
R/W
Setting the bit to 1 means that the THERM2 pin is asserted low as an output whenever
the Remote 3 temperature exceeds the Remote 3 THERM2 temperature limit. Default = 0.
[7:5]
Reserved
R
Reserved for future use.
1 POR = 0x00, Lock = Y, SW Reset = Y.
Table 48. Register 0x10 Pin Configuration Register 11
Bit
Name
R/W
Description
0
Pin 7
R/W
0 = +12V1, 1 = TACH5 input. Default =1.
1
Pin 4
R/W
0 = GPIO4; 1= TACH4 input (that is if the VIDs are not selected). Default = 1.
2
Pin 3
R/W
0 = GPIO3; 1= TACH3 input (that is if the VIDs are not selected). Default = 1.
3
Pin 2
R/W
0 = GPIO2; 1= TACH2 input (that is if the VIDs are not selected). Default = 1.
4
Pin 1
R/W
0 = GPIO1; 1= TACH1 input (that is if the VIDs are not selected). Default = 1.
5
Diode 3
R/W
1 enables the D3+ and D3− inputs on Pin 19 and Pin 20. 0 enables the voltage measurement
input and SCSI_Term input. Default = 1.
6
Diode 1
R/W
1 enables the D1+ and D1− inputs on Pin 15 and Pin 16. 0 enables the voltage measurement
input and SCSI_Term input. Default = 1.
7
VIDs
R/W
Setting this bit to 1 enables the VIDs on Pin 1 to Pin 4, Pin 28, Pin 31, and Pin 32. Default = 0.
1 POR = 0x7F, Lock = Y, SW Reset = Y.
Table 49. Register 0x11 Pin Configuration Register 21
Bit
Name
R/W
Description
[1:0]
Pin 23
R/W
00 = VCCP1 selected.
01 = +2.5V.
10 = +1.8V (default).
11 = +1.5V.
2
Pin 22
R/W
0 = +12V3; 1 = TACH8. Default = 1.
3
Pin 21
R/W
0 = +5V; 1 = TACH7. Default = 1.
4
Pin 19
R/W
0 = 1.25V; 1 = +0.9V (that is, if RT3 is not selected). Default = 0.
5
Pin 15
R/W
0 = +2.5V, 1 = +1.8V (that is, if RT1 is not selected) . Default = 0.
6
Pin 13
R/W
0 = +3.3V; 1 = PWM4. Default = 1.
7
Pin 8
R/W
0 = +12V2; 1 = TACH6. Default = 1.
1 POR = 0xCE, Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com