Electronic Components Datasheet Search
  English  ▼

X  

DS3181 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS3181
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3181 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS3181 Datasheet HTML 71Page - Maxim Integrated Products DS3181 Datasheet HTML 72Page - Maxim Integrated Products DS3181 Datasheet HTML 73Page - Maxim Integrated Products DS3181 Datasheet HTML 74Page - Maxim Integrated Products DS3181 Datasheet HTML 75Page - Maxim Integrated Products DS3181 Datasheet HTML 76Page - Maxim Integrated Products DS3181 Datasheet HTML 77Page - Maxim Integrated Products DS3181 Datasheet HTML 78Page - Maxim Integrated Products DS3181 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 389 page
background image
DS3181/DS3182/DS3183/DS3184
75 of 38
9
8.3.5 UTOPIA/POS-PHY/SPI-3 System Interface Functional Timing
8.3.5.1
UTOPIA Level 2 Functional Timing
Figure 8-25 shows a multidevice transmit-interface multiple cell transfer to different PHY devices. On clock edge 2,
the ATM device places address ‘00h’ on the address bus (which is mapped to Port 1). PHY device '1' (Port 1)
indicates to the ATM device that it can accept cell data by asserting TDXA[1]. On clock edge 4, the ATM device
selects PHY device '1'. On clock edge 5, the ATM device starts a cell transfer to PHY device '1' by asserting
TEN,
placing the first byte of cell data on TDATA, and asserting TSOX to indicate the transfer of the first byte of the cell.
On clock edge 6, the ATM device deasserts TSOX as it continues to place additional bytes of the cell on TDATA..
On clock edge 13, PHY device ‘2’ asserts TDXA[2] to indicate to the ATM device that it is ready to accept cell data.
On clock edge 15, PHY device '1’ indicates that it cannot accept the transfer of a complete cell by deasserting
TDXA[1]. On clock edge 16, the ATM device deselects PHY device '1' and selects PHY device '2' by deasserting
TEN and placing PHY device '2's address on TADR. On clock edge 17, the ATM device starts the transfer of a cell
to PHY device '2' by asserting
TEN, placing the first byte of cell data on TDATA, and asserting TSOX to indicate the
transfer of the first byte of the cell. On clock edge 18, the ATM device deasserts TSOX as it continues to place
additional bytes of the cell on TDATA.
Figure 8-25. UTOPIA Level 2 Transmit Cell Transfer Direct Mode
TADR
1
TEN
TDATA
TSOX
19
20
…
TCLK
H3
P43
P44
P45
P46
P47
P48
P42
H1
H2
01h
00h
Transfer
Cell To:
PORT 1
H2
H3
H4
PORT 2
H1
23
45
7
6
8
10
11
12
13
14
15
16
17
18
9
TDXA[1]
TDXA[2]
TDXA[3]
TDXA[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com