| Electronic Components Datasheet Search |
|
DS3181 Datasheet(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS3181 Datasheet(HTML) 21 Page - Maxim Integrated Products |
|
21 / 389 page ![]() DS3181/DS3182/DS3183/DS3184 21 of 38 9 · Programmable high and low water marks for the transmit and receive FIFOs · Terminates the Path Maintenance Data Link in DS3 C-bit Parity mode and optionally the G.751 Sn bit or the G.832 NR or GC channels or PLCP F1, M1 or M2 bytes · RX data is forced to all ones during LOS, LOF and AIS detection to eliminate false packets 3.19 FEAC Controller Features · Each port has a dedicated FEAC controller for DS3/E3 link management · Designed to handle multiple FEAC code words without Host intervention · Receive FEAC automatically validates incoming code words and stores them in a 4-byte FIFO · Transmit FEAC can be configured to send one codeword, one codeword continuously, or two different code words back-to-back to send DS3 Line Loopback commands · Terminates the FEAC channel in DS3 C-Bit Parity mode and optionally the Sn bit in E3 mode 3.20 Trail Trace Buffer Features · Each port has a dedicated Trail Trace Buffer for E3-G.832 or DS3/E3 PLCP link management · Extraction and storage of the incoming G.832 or PLCP trail access point identifier in a 16-byte receive register · Insertion of the outgoing trail access point identifier from a 16-byte transmit register · Receive trace identifier unstable status indication 3.21 Bit Error Rate Tester (BERT) Features · Each port has a dedicated BERT tester · Generation and detection of pseudo-random patterns and repetitive patterns from 1 to 32 bits in length · Pattern insertion/extraction in PLCP payload, DS3/E3 payload, DS3/E3 fractional payload or entire data stream to and from the line interface · Large 24-bit error counter allows testing to proceed for long periods without host intervention · Errors can be inserted in the generated BERT patterns for diagnostic purposes (single bit errors or specific bit- error rates) 3.22 Loopback Features · Analog interface loopback – ALB (transmit to receive) · Line facility loopback – LLB (receive to transmit) with optional transmission of unframed all-one AIS payload toward system/trunk interface · Framer diagnostic loopback – DLB (transmit to receive) with automatic transmission of DS3 AIS or unframed all-one AIS signal toward line/tributary interface(s) · DS3/E3 framer payload loopback – PLB (receive to transmit) with optional transmission of unframed all-one AIS payload toward system/trunk interface · System interface loopback – SLB (transmit to receive) · Simultaneous line facility loopback and framer diagnostic loopback 3.23 Microprocessor Interface Features · Multiplexed or non-multiplexed address bus modes · 8 or 16-bit data bus modes · Byte swapping option in 16-bit data bus mode · Read/Write and Data Strobe modes · Ready handshake output signal · Global reset input pin · Global interrupt output pin · Two programmable I/O pins per port 3.24 Subrate Features (Fractional DS3/E3) · Independent per-port built-in support for subrate DS3 or E3 · Independent subrate operation for both RX and TX data paths |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |