Electronic Components Datasheet Search
  English  ▼

X  

DS3181 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS3181
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3181 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS3181 Datasheet HTML 45Page - Maxim Integrated Products DS3181 Datasheet HTML 46Page - Maxim Integrated Products DS3181 Datasheet HTML 47Page - Maxim Integrated Products DS3181 Datasheet HTML 48Page - Maxim Integrated Products DS3181 Datasheet HTML 49Page - Maxim Integrated Products DS3181 Datasheet HTML 50Page - Maxim Integrated Products DS3181 Datasheet HTML 51Page - Maxim Integrated Products DS3181 Datasheet HTML 52Page - Maxim Integrated Products DS3181 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 389 page
background image
DS3181/DS3182/DS3183/DS3184
49 of 38
9
PIN
TYPE
FUNCTION
RLCLKn
I
Receive Line Clock Input
RLCLKn: This clock is typically used for the reference clock for the RPOSn / RDATn,
RNEGn / RLCVn / ROHMIn signals but can also be used as the reference clock for
the RSERn, RSOFOn / RDENn / RFOHENOn, RFOHENIn, TOHMIn / TSOFIn,
TFOHn / TSERn, TFOHENIn, TSOFOn / TDENn / TFOHENOn, TPOSn / TDATn and
TNEGn / TOHMOn signals. This input is ignored when the LIU is enabled.
This input signal can be inverted.
o
DS3: 44.736 MHz +20 ppm
o
E3: 34.368 MHz +20 ppm
o
CC52: 52 MHz +20 ppm
RPOSn /
RDATn
I
Receive Positive AMI / Data
RPOSn: When the port line is configured for B3ZS, HDB3 or AMI mode and the
framer is not configured for one of the “-OHM” modes and the LIU is disabled, a high
on this pin indicates that a positive pulse has been detected using an external LIU.
The signal is sampled on the positive clock edge of the referenced clock pin if the
clock pin signal is not inverted, otherwise it is sampled on the falling edge of the clock.
The signal is typically referenced to the RLCLKn line clock input pins, but it can be
referenced to the RCLKOn output pins.
This input signal can be inverted.
RDATn: When the port line interface is configured for UNI mode or the framer is
configured for one of the “-OHM” modes, the un-encoded receive signal is input on
this pin. The signal is sampled on the positive clock edge of the referenced clock pin if
the clock pin signal is not inverted, otherwise it is sampled on the falling edge of the
clock. The signal is typically referenced to the RLCLKn line clock input pins, but it can
be referenced to the RCLKOn output pins.
This input signal can be inverted.
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
o
CC52: 52 Mbps +20ppm
RNEGn /
RLCVn /
ROHMIn
I
Receive Negative AMI / Line Code Violation / Line OH Mask input
RNEGn: When the port line is configured for B3ZS, HDB3 or AMI mode and the
framer is not configured for one of the “-OHM” modes and the LIU is disabled, a high
on this pin indicates that a negative pulse has been detected using an external LIU.
The signal is sampled on the positive clock edge of the referenced clock pin if the
clock pin signal is not inverted, otherwise it is sampled on the falling edge of the clock.
The signal is typically referenced to the RLCLKn line clock input pins, but it can be
referenced to the RCLKOn output pins.
This input signal can be inverted.
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
o
CC52: 52 Mbps +20ppm
RLCVn: When the port line interface is configured for UNI mode and the framer is not
configured for one of the “-OHM” modes, the BPV counter in the encoder/decoder
block is incremented each clock when this signal is high. The signal is sampled on the
positive clock edge of the referenced clock pin if the clock pin signal is not inverted,
otherwise it is sampled on the falling edge of the clock. The signal is typically
referenced to the RLCLKn line clock input pins, but it can be referenced to the
RCLKOn output pins.
This input signal can be inverted.
ROHMIn: When the port framer is configured for one of the “-OHM” modes, this signal
is used to mark the overhead bits on the RDATn pins when it is high. The DS318x
will ignore overhead bits. The signal is sampled on the positive clock edge of the
referenced clock pin if the clock pin signal is not inverted, otherwise it is sampled on
the falling edge of the clock. The signal is typically referenced to the RLCLKn line
clock input pins, but it can be referenced to the RCLKOn output pins.
This input signal can be inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com