Electronic Components Datasheet Search
  English  ▼

X  

DS3181 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS3181
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3181 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS3181 Datasheet HTML 15Page - Maxim Integrated Products DS3181 Datasheet HTML 16Page - Maxim Integrated Products DS3181 Datasheet HTML 17Page - Maxim Integrated Products DS3181 Datasheet HTML 18Page - Maxim Integrated Products DS3181 Datasheet HTML 19Page - Maxim Integrated Products DS3181 Datasheet HTML 20Page - Maxim Integrated Products DS3181 Datasheet HTML 21Page - Maxim Integrated Products DS3181 Datasheet HTML 22Page - Maxim Integrated Products DS3181 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 389 page
background image
DS3181/DS3182/DS3183/DS3184
19 of 38
9
3.7 Receive FIFO Features
·
Storage capacity for four cells or 256 bytes of packet data per port
·
Programmable port address
·
Programmable fill level thresholds
·
Underflow and overflow status indications
3.8 Receive System Interface Features
·
UTOPIA L2 / UTOPIA L3 interface in cell mode, POS-PHY L2 / POS-PHY L3 or SPI-3 interface in packet or
mixed traffic modes
·
8, 16, or 32-bit data bus at clock rates from 10 MHz to 66 MHz (52 MHz in L2 modes)
·
Polled and direct cell available outputs
·
Controls include enables/disables/settings for: HEC transfer, signal inversions, parity enable/polarity, cell
available deassertion time
3.9 Transmit System Interface Features
·
UTOPIA L2 / UTOPIA L3 interface in cell mode, POS-PHY L2 / POS-PHY L3 or SPI-3 interface in packet or
mixed traffic modes
·
8, 16, or 32-bit data bus at clock rates from 10 MHz to 66 MHz (52 MHz in L2 modes)
·
Polled and direct cell available outputs
·
Controls include enables/disables/settings for: HEC transfer, signal inversions, parity enable/polarity, cell
available deassertion time
3.10 Transmit FIFO Features
·
Storage capacity for four cells or 256 bytes of packet data per port
·
Programmable port address
·
Programmable fill level thresholds
·
Underflow and overflow status indications
3.11 Transmit Cell Processor Features
·
Programmable fill cell type
·
HEC calculation and insertion/overwrite, including coset addition
·
Cell scrambling using the self-synchronizing scrambler (x
43+1) for ATM over DS3/E3
·
Distributed Sample Scrambler (DSS) for clear-channel ATM (cell-based physical layer)
·
Single-bit and multiple-bit header error insertion for diagnostics
·
Controls include enables/disables/settings for: cell processing, HEC insertion, coset polynomial addition, cell
scrambling, fill cell type, error insertion type/rate/count, HEC bit corruption
·
Counter for number of cells read from the transmit FIFO
·
Cell mapping into the DS3/E3 frame, the PLCP frame, an externally defined frame, or the entire line bandwidth
·
Octet alignment option for externally defined frame formats
3.12 Transmit Packet Processor Features
·
FCS calculation (16-bit or 32-bit) and insertion/overwrite
·
Programmable FCS error insertion for diagnostics
·
Bit or octet stuffing
·
Programmable inter-frame fill insertion (flags or all-ones)
·
Automatic packet abort insertion
·
Packet scrambling using the self-synchronizing scrambler (x
43+1)
·
Controls include enables/disables/settings for: packet processing, FCS insertion or overwrite, 16/32-bit FCS,
inter-frame fill type/length, scrambling, FCS error insertion type/rate/count
·
Counters for number of packets and bytes read from the transmit FIFO
·
Octet alignment with octet stuffing option for externally defined frame formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com