Electronic Components Datasheet Search
  English  ▼

X  

ADC082500 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC082500
Description  High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082500 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button ADC082500 Datasheet HTML 25Page - National Semiconductor (TI) ADC082500 Datasheet HTML 26Page - National Semiconductor (TI) ADC082500 Datasheet HTML 27Page - National Semiconductor (TI) ADC082500 Datasheet HTML 28Page - National Semiconductor (TI) ADC082500 Datasheet HTML 29Page - National Semiconductor (TI) ADC082500 Datasheet HTML 30Page - National Semiconductor (TI) ADC082500 Datasheet HTML 31Page - National Semiconductor (TI) ADC082500 Datasheet HTML 32Page - National Semiconductor (TI) ADC082500 Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
2.0 Applications Information
(Continued)
TABLE 8. Non-Extended Control Mode Operation (Pin
14 High or Low)
Pin
Low
High
Floating
3
0.50 V
P-P
Output
0.70 V
P-P
Output
n/a
4
OutEdge =
Neg
OutEdge =
Pos
DDR
14
650 mV
P-P
input range
870 mV
P-P
input range
Extended
Control
Mode
Pin 3 can be either high or low in the non-extended control
mode. Pin 14 must not be left floating to select this mode.
See Section 1.2 for more information.
Pin 4 can be high or low or can be left floating in the
non-extended control mode. In the non-extended control
mode, pin 4 high or low defines the edge at which the output
data transitions. See Section 2.4.3 for more information. If
this pin is floating, the output clock (DCLK) is a DDR (Double
Data Rate) clock (see Section 1.1.5.3) and the output edge
synchronization is irrelevant since data is clocked out on
both DCLK edges.
TABLE 9. Extended Control Mode Operation (Pin 14
Floating)
Pin
Function
3
SCLK (Serial Clock)
4
SDATA (Serial Data)
127
SCS (Serial Interface Chip Select)
2.10 COMMON APPLICATION PITFALLS
Driving the inputs (analog or digital) beyond the power
supply rails. For device reliability, no input should go more
than 150 mV below the ground pins or 150 mV above the
supply pins. Exceeding these limits on even a transient basis
may not only cause faulty or erratic operation, but may
impair device reliability. It is not uncommon for high speed
digital circuits to exhibit undershoot that goes more than a
volt below ground. Controlling the impedance of high speed
lines and terminating these lines in their characteristic im-
pedance should control overshoot.
Care should be taken not to overdrive the inputs of the
ADC082500. Such practice may lead to conversion inaccu-
racies and even to device damage.
Incorrect analog input common mode voltage in the d.c.
coupled mode. As discussed in section 1.1.4 and 2.2, the
Input common mode voltage must remain within 50 mV of
the V
CMO output , which has a variability with temperature
that must also be tracked. Distortion performance will be
degraded if the input common mode voltage is more than 50
mV from V
CMO .
Using an inadequate amplifier to drive the analog input.
Use care when choosing a high frequency amplifier to drive
the ADC082500 as many high speed amplifiers will have
higher distortion than will the ADC082500, resulting in over-
all system performance degradation.
Driving the V
BG pin to change the reference voltage. As
mentioned in Section 2.1, the reference voltage is intended
to be fixed to provide one of two different full-scale values
(650 mV
P-P and 870 mVP-P). Over driving this pin will not
change the full scale value, but can be used to change the
LVDS common mode voltage from 0.8V to 1.2V by tying the
V
BG pin to VA.
Driving the clock input with an excessively high level
signal. The ADC input clock level should not exceed the
level described in the Operating Ratings Table or the input
offset could change.
Inadequate input clock levels. As described in Section 2.3,
insufficient input clock levels can result in poor performance.
Excessive input clock levels could result in the introduction
of an input offset.
Using a clock source with excessive jitter, using an
excessively long input clock signal trace, or having
other signals coupled to the input clock signal trace.
This will cause the sampling interval to vary, causing exces-
sive output noise and a reduction in SNR performance.
Failure to provide adequate heat removal. As described in
Section 2.6.2, it is important to provide adequate heat re-
moval to ensure device reliability. This can either be done
with adequate air flow or the use of a simple heat sink built
into the board. The backside pad should be grounded for
best performance.
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com