Electronic Components Datasheet Search
  English  ▼

X  

ADC082500 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC082500
Description  High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082500 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC082500 Datasheet HTML 5Page - National Semiconductor (TI) ADC082500 Datasheet HTML 6Page - National Semiconductor (TI) ADC082500 Datasheet HTML 7Page - National Semiconductor (TI) ADC082500 Datasheet HTML 8Page - National Semiconductor (TI) ADC082500 Datasheet HTML 9Page - National Semiconductor (TI) ADC082500 Datasheet HTML 10Page - National Semiconductor (TI) ADC082500 Datasheet HTML 11Page - National Semiconductor (TI) ADC082500 Datasheet HTML 12Page - National Semiconductor (TI) ADC082500 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Converter Electrical Characteristics (Continued)
NOTE: This product is currently in development and the parameters specified in this section are DESIGN TARGETS.
The specifications in this section cannot be guaranteed until device characterization has taken place. The following
specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential 870mVP-P,CL
= 10 pF, Differential, a.c. coupled Sinewave Input Clock, f
CLK = 1.25GHz at 0.5VP-P with 50% duty cycle, VBG = Floating, Non-
Extended Control Mode, SDR Mode, R
EXT = 3300
Ω ±0.1%, Analog Signal Source Impedance = 100Ω Differential. Boldface
limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion
Ratio
f
IN = 248 MHz, VIN = FSR − 0.5 dB
45.4
TBD
dB (min)
f
IN = 625 MHz, VIN = FSR − 0.5 dB
44
TBD
dB (min)
f
IN = 1250 MHz, VIN = FSR − 0.5 dB
TBD
TBD
dB (min)
SNR
Signal-to-Noise Ratio
f
IN = 248 MHz, VIN = FSR − 0.5 dB
45.6
TBD
dB (min)
f
IN = 625 MHz, VIN = FSR − 0.5 dB
44.0
TBD
dB (min)
f
IN = 1250 MHz, VIN = FSR − 0.5 dB
TBD
TBD
dB (min)
THD
Total Harmonic Distortion
f
IN = 248 MHz, VIN = FSR − 0.5 dB
-55
-TBD
dB (max)
f
IN = 625 MHz, VIN = FSR − 0.5 dB
-54
-TBD
dB (max)
f
IN = 1250 MHz, VIN = FSR − 0.5 dB
-TBD
-TBD
dB (max)
2nd Harm
Second Harmonic Distortion
f
IN = 248 MHz, VIN = FSR − 0.5 dB
−TBD
dB
f
IN = 625 MHz, VIN = FSR − 0.5 dB
−TBD
dB
f
IN = 1250 MHz, VIN = FSR − 0.5 dB
−TBD
dB
3rd Harm
Third Harmonic Distortion
f
IN = 248 MHz, VIN = FSR − 0.5 dB
−TBD
dB
f
IN = 625 MHz, VIN = FSR − 0.5 dB
−TBD
dB
f
IN = 1250 MHz, VIN = FSR − 0.5 dB
−TBD
dB
SFDR
Spurious-Free dynamic Range
f
IN = 248 MHz, VIN = FSR − 0.5 dB
57.4
TBD
dB (min)
f
IN = 625 MHz, VIN = FSR − 0.5 dB
54
TBD
dB (min)
f
IN = 1250 MHz, VIN = FSR − 0.5 dB
TBD
TBD
dB (min)
IMD
Intermodulation Distortion
f
IN1 = 321 MHz, VIN =FSR−7dB
f
IN2 = 326 MHz, VIN =FSR−7dB
-TBD
dB
Out of Range Output Code
(In addition to OR Output high)
(V
IN+)−(VIN−) > + Full Scale
255
(V
IN+)−(VIN−) < − Full Scale
0
ANALOG INPUT AND REFERENCE CHARACTERISTICS
V
IN
Full Scale Analog Differential
Input Range
FSR pin 14 Low
600
520
mV
P-P (min)
680
mV
P-P (max)
FSR pin 14 High
800
720
mV
P-P (min)
880
mV
P-P (max)
V
CMI
Analog Input Common Mode
Voltage
V
CMO
V
CMO −50
V
CMO +50
mV (min)
mV (max)
C
IN
Analog Input Capacitance,
Normal operation (Notes 10,
11)
Differential
0.02
pF
Each input pin to ground
1.6
pF
Analog Input Capacitance, DES
Mode (Notes 10, 11)
Differential
0.08
pF
Each input pin to ground
2.2
pF
R
IN
Differential Input Resistance
100
94
Ω (min)
106
Ω (max)
ANALOG OUTPUT CHARACTERISTICS
V
CMO
Common Mode Output Voltage
1.26
0.95
1.45
V (min)
V (max)
V
CMO_LVL
V
CMO input threshold to set DC
Coupling mode
V
A = 1.8V
0.60
V
V
A = 2.0V
0.66
V
TC V
CMO
Common Mode Output Voltage
Temperature Coefficient
T
A = −40˚C to +85˚C
118
ppm/˚C
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com