Electronic Components Datasheet Search
  English  ▼

X  

ADC082500 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC082500
Description  High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082500 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC082500 Datasheet HTML 10Page - National Semiconductor (TI) ADC082500 Datasheet HTML 11Page - National Semiconductor (TI) ADC082500 Datasheet HTML 12Page - National Semiconductor (TI) ADC082500 Datasheet HTML 13Page - National Semiconductor (TI) ADC082500 Datasheet HTML 14Page - National Semiconductor (TI) ADC082500 Datasheet HTML 15Page - National Semiconductor (TI) ADC082500 Datasheet HTML 16Page - National Semiconductor (TI) ADC082500 Datasheet HTML 17Page - National Semiconductor (TI) ADC082500 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Specification Definitions (Continued)
LVDS OUTPUT OFFSET VOLTAGE (V
OS) is the midpoint
between the D+ and D- pins output voltage; ie., [(V
D+) +(
V
D-)]/2.
MISSING CODES are those output codes that are skipped
and will never appear at the ADC outputs. These codes
cannot be reached with any input value.
MSB (MOST SIGNIFICANT BIT) is the bit that has the
largest value or weight. Its value is one half of full scale.
NEGATIVE FULL-SCALE ERROR (NFSE) is a measure of
how far the last code transition is from the ideal 1/2 LSB
above a differential −435 mV with the FSR pin high, or 1/2
LSB above a differential −325 mV with the FSR pin low. For
the ADC082500 the reference voltage is assumed to be
ideal, so this error is a combination of full-scale error and
reference voltage error.
OFFSET ERROR (V
OFF) is a measure of how far the mid-
scale point is from the ideal zero voltage differential input.
Offset Error = Actual Input causing average of 8k
samples to result in an average code of 127.5.
OUTPUT DELAY (t
OD) is the time delay after the falling edge
of DCLK before the data update is present at the output pins.
OVER-RANGE RECOVERY TIME is the time required after
the differential input voltages goes from ±1.2V to 0V for the
converter to recover and make a conversion with its rated
accuracy.
PIPELINE DELAY (LATENCY) is the number of input clock
cycles between initiation of conversion and when that data is
presented to the output driver stage. New data is available at
every clock cycle, but the data lags the conversion by the
Pipeline Delay plus the t
OD.
POSITIVE FULL-SCALE ERROR (PFSE) is a measure of
how far the last code transition is from the ideal 1-1/2 LSB
below a differential +435 mV with the FSR pin high, or 1-1/2
LSB below a differential +325 mV with the FSR pin low. For
the ADC082500 the reference voltage is assumed to be
ideal, so this error is a combination of full-scale error and
reference voltage error.
POWER SUPPLY REJECTION RATIO (PSRR) can be one
of two specifications. PSRR1 (DC PSRR) is the ratio of the
change in full-scale error that results from a power supply
voltage change from 1.8V to 2.0V. PSRR2 (AC PSRR) is a
measure of how well an a.c. signal riding upon the power
supply is rejected from the output and is measured with a
248 MHz, 50 mV
P-P signal riding upon the power supply. It is
the ratio of the output amplitude of that signal at the output to
its amplitude on the power supply pin. PSRR is expressed in
dB.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in
dB, of the rms value of the input signal at the output to the
rms value of the sum of all other spectral components below
one-half the sampling frequency, not including harmonics or
d.c.
SIGNAL TO NOISE PLUS DISTORTION (S/(N+D) or SI-
NAD) is the ratio, expressed in dB, of the rms value of the
input signal at the output to the rms value of all of the other
spectral components below half the input clock frequency,
including harmonics but excluding d.c.
SPURIOUS-FREE DYNAMIC RANGE (SFDR) is the differ-
ence, expressed in dB, between the rms values of the input
signal at the output and the peak spurious signal, where a
spurious signal is any signal present in the output spectrum
that is not present at the input, excluding d.c.
TOTAL HARMONIC DISTORTION (THD) is the ratio ex-
pressed in dB, of the rms total of the first nine harmonic
levels at the output to the level of the fundamental at the
output. THD is calculated as
where A
f1 is the RMS power of the fundamental (output)
frequency and A
f2 through Af10 are the RMS power of the
first 9 harmonic frequencies in the output spectrum.
– Second Harmonic Distortion (2nd Harm) is the differ-
ence, expressed in dB, between the RMS power in the input
frequency seen at the output and the power in its 2nd
harmonic level at the output.
– Third Harmonic Distortion (3rd Harm) is the difference
expressed in dB between the RMS power in the input fre-
quency seen at the output and the power in its 3rd harmonic
level at the output.
20198446
FIGURE 1.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com