Electronic Components Datasheet Search
  English  ▼

X  

ADC082500 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC082500
Description  High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082500 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC082500 Datasheet HTML 9Page - National Semiconductor (TI) ADC082500 Datasheet HTML 10Page - National Semiconductor (TI) ADC082500 Datasheet HTML 11Page - National Semiconductor (TI) ADC082500 Datasheet HTML 12Page - National Semiconductor (TI) ADC082500 Datasheet HTML 13Page - National Semiconductor (TI) ADC082500 Datasheet HTML 14Page - National Semiconductor (TI) ADC082500 Datasheet HTML 15Page - National Semiconductor (TI) ADC082500 Datasheet HTML 16Page - National Semiconductor (TI) ADC082500 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Converter Electrical Characteristics (Continued)
20198404
Note 7: To guarantee accuracy, it is required that VA and VDR be well bypassed. Each supply pin must be decoupled with separate bypass capacitors. Additionally,
achieving rated performance requires that the backside exposed pad be well grounded.
Note 8: Typical figures are at TA = 25˚C, and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
Note 9: Calculation of Full-Scale Error for this device assumes that the actual reference voltage is exactly its nominal value. Full-Scale Error for this device,
therefore, is a combination of Full-Scale Error and Reference Voltage Error. See Figure 2. For relationship between Gain Error and Full-Scale Error, see Specification
Definitions for Gain Error.
Note 10: The analog and clock input capacitances are die capacitances only. Additional package capacitances of 0.65 pF differential and 0.95 pF each pin to ground
are isolated from the die capacitances by lead and bond wire inductances.
Note 11: This parameter is guaranteed by design and is not tested in production.
Note 12: This parameter is guaranteed by design and/or characterization and is not tested in production.
Note 13: The digital control pin capacitances are die capacitances only. Additional package capacitance of 1.6 pF each pin to ground are isolated from the die
capacitances by lead and bond wire inductances.
Note 14: Each of the two converters of the ADC082500 has two LVDS output buses, which each clock data out at one half the sample rate. The data at each bus
is clocked out at one half the sample rate. The second bus (D0 through D7) has a pipeline latency that is one Input Clock cycle less than the latency of the first bus
(Dd0 through Dd7).
Note 15: Tying VBG to the supply rail will increase the output offset voltage (VOS) by 400mv (typical), as shown in the VOS specification above. Tying VBG to the
supply rail will also affect the differential LVDS output voltage (VOD), causing it to increase by 40mV (typical).
Specification Definitions
APERTURE (SAMPLING) DELAY is that time required after
the fall of the clock input for the sampling switch to open. The
Sample/Hold circuit effectively stops capturing the input sig-
nal and goes into the “hold” mode the aperture delay time
(t
AD) after the input clock goes low.
APERTURE JITTER (t
AJ) is the variation in aperture delay
from sample to sample. Aperture jitter shows up as input
noise.
Bit Error Rate (B.E.R.) is the probability of error and is
defined as the probable number of errors per unit of time
divided by the number of bits seen in that amount of time. A
B.E.R. of 10
-18 corresponds to a statistical error in one bit
about every four (4) years.
CLOCK DUTY CYCLE is the ratio of the time that the clock
wave form is at a logic high to the total time of one clock
period.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
Measured at 2.5 GSPS with a ramp input.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion Ratio, or SINAD. ENOB is defined as (SINAD −
1.76) / 6.02 and says that the converter is equivalent to a
perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH (FPBW) is a measure of the
frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale
input.
GAIN ERROR is the deviation from the ideal slope of the
transfer function. It can be calculated from Offset and Full-
Scale Errors:
Positive Gain Error = Offset Error − Positive Full-Scale
Error
Negative Gain Error = −(Offset Error − Negative Full-
Scale Error)
Gain Error = Negative Full-Scale Error − Positive Full-
Scale Error = Positive Gain Error + Negative Gain Error
INTEGRAL NON-LINEARITY (INL) is a measure of the
deviation of each individual code from a straight line through
the input to output transfer function. The deviation of any
given code from this straight line is measured from the
center of that code value. The best fit method is used.
INTERMODULATION DISTORTION (IMD) is the creation of
additional spectral components as a result of two sinusoidal
frequencies being applied to the ADC input at the same time.
It is defined as the ratio of the power in the second and third
order intermodulation products to the power in one of the
original frequencies. IMD is usually expressed in dBFS.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the
smallest value or weight of all bits. This value is
V
FS /2
n
where V
FS is the differential full-scale amplitude of 650 mV
or 870 mV as set by the FSR input and "n" is the ADC
resolution in bits, which is 8 for the ADC082500.
LVDS DIFFERENTIAL OUTPUT VOLTAGE (V
OD) is the
absolute value of the difference between the V
D+&VD-
outputs; each measured with respect to Ground.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com