Electronic Components Datasheet Search
  English  ▼

X  

AD2S1205 Datasheet(PDF) 5 Page - Analog Devices

Part # AD2S1205
Description  12-Bit R/D Converter with Reference Oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 5 Page - Analog Devices

  AD2S1205 Datasheet HTML 1Page - Analog Devices AD2S1205 Datasheet HTML 2Page - Analog Devices AD2S1205 Datasheet HTML 3Page - Analog Devices AD2S1205 Datasheet HTML 4Page - Analog Devices AD2S1205 Datasheet HTML 5Page - Analog Devices AD2S1205 Datasheet HTML 6Page - Analog Devices AD2S1205 Datasheet HTML 7Page - Analog Devices AD2S1205 Datasheet HTML 8Page - Analog Devices AD2S1205 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Preliminary Technical Data
AD2S1205
Rev. PrB | Page 5 of 25
Parameter
Min
Typ
Max
Unit
Conditions/Comments
FAULT DETECTION BLOCK (CONT.)
DOS
Sin/Cos Threshold
4.0
4.09
4.2
V p-p
DOS goes low when Sin or Cos exceeds threshold.
Sin/Cos Mismatch
385
420
mV
DOS latched low when Sin/Cos amplitude mismatch
exceeds the threshold.
Angular Accuracy (Worst Case)
33
Degrees
DOS indicated before angular output error exceeds
limit.
Angular Latency (Worst Case)
66
Degrees
Maximum electrical rotation before DOS is indicated.
Time Latency
125
μs
LOT
Tracking Threshold
5
Degrees
LOT goes low when internal error signal exceeds
threshold. Guaranteed by design.
Time Latency
1.1
ms
Hysteresis
4
Degrees
Guaranteed by design
VOLTAGE REFERENCE
REFOUT
2.39
2.47
2.52
V
±IOUT = 100 μA
Drift
70
ppm/°C
PSRR
−60
dB
CHARGE PUMP OUTPUT (CPO)
Frequency
204.8
kHz
Square wave output
Duty Cycle
50
%
POWER SUPPLY
IDD Dynamic
18
mA
ELECTRICAL CHARACTERISTICS
VIL Voltage Input Low
0.8
V
VIH Voltage Input High
2.0
V
VOL Voltage Output Low
0.4
V
2 mA load
VOH Voltage Output High
4.0
V
−1 mA load
IIL Low Level Input Current
10
μA
IIH High Level Input Current
−10
μA
IOZH High Level Three-State Leakage
−10
μA
IOZL Low Level Three-State Leakage
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com