Electronic Components Datasheet Search
  English  ▼

X  

AD2S1205 Datasheet(PDF) 19 Page - Analog Devices

Part # AD2S1205
Description  12-Bit R/D Converter with Reference Oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 15Page - Analog Devices AD2S1205 Datasheet HTML 16Page - Analog Devices AD2S1205 Datasheet HTML 17Page - Analog Devices AD2S1205 Datasheet HTML 18Page - Analog Devices AD2S1205 Datasheet HTML 19Page - Analog Devices AD2S1205 Datasheet HTML 20Page - Analog Devices AD2S1205 Datasheet HTML 21Page - Analog Devices AD2S1205 Datasheet HTML 22Page - Analog Devices AD2S1205 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Preliminary Technical Data
AD2S1205
Rev. PrB | Page 19 of 25
CIRCUIT DYNAMICS
AD2S1205 LOOP RESPONSE MODEL
ERROR
(ACCELERATION)
–
θ
IN
θ
OUT
VELOCITY
k1
× k2
1–z –1
1–bz –1
1–z –1
c1–az –1
c
Sin/Cos LOOKUP
Figure 11. RDC System Response Block Diagram
The RDC is a mixed-signal device, which uses two A/D
converters to digitize signals from the resolver and a Type II
tracking loop to convert these to digital position and velocity
words.
The first gain stage consists of the ADC gain on the Sin/Cos
inputs, and the gain of the error signal into the first integrator.
The first integrator generates a signal proportional to velocity.
The compensation filter contains a pole and a zero, used to
provide phase margin and reduce high frequency noise gain.
The second integrator is the same as the first integrator and
generates the output position from the velocity signal. The
Sin/Cos lookup has unity gain. Values are given below for each
section:
• ADC gain parameter
(k1nom = 1.8/2.5)
)
(
)
(
1
V
V
V
V
k
REF
p
IN
=
• Error gain parameter
π
×
=
2
10
18
2
6
x
k
• Compensator zero coefficient
4096
4095
=
a
• Compensator pole coefficient
4096
4085
=
b
• Integrator gain parameter
4096000
1
=
c
• INT1 and INT2 transfer function
1
1
)
(
−
−
=
z
c
z
I
• Compensation filter transfer
function
1
1
1
1
)
(
−
−
−
−
=
bz
az
z
C
• R2D open-loop transfer function
)
(
)
(
2
1
)
(
2
z
C
z
I
k
k
z
G
×
×
×
=
• R2D closed-loop transfer function
)
(
1
)
(
)
(
z
G
z
G
z
H
+
=
The closed-loop magnitude and phase responses are that of a
second-order low-pass filter (see Figure 12 and Figure 13).
To convert G(z) into the s-plane, we perform an inverse bilinear
transformation by substituting for z, where T = the sampling
period (1/4.096 MHz ≈ 244 ns).
s
T
s
T
z
−
+
=
2
2
Substitution yields the open-loop transfer function G(s).
)
1
(
2
)
1
(
1
)
1
(
2
)
1
(
1
4
1
)
1
(
2
1
)
(
2
2
2
b
b
T
s
a
a
T
s
s
T
s
sT
b
a
a
k
k
s
G
−
+
×
+
−
+
×
+
×
+
+
×
−
−
×
=
This transformation produces the best matching at low
frequencies (f << fSAMPLE). At lower frequencies (within the
closed-loop bandwidth of the AD2S1205), the transfer function
can be simplified to
2
1
2
1
1
)
(
st
st
s
K
s
G
a
+
+
×
≅
where:
b
a
a
k
k
K
b
b
T
t
a
a
T
t
a
−
−
×
=
−
+
=
−
+
=
)
1
(
2
1
)
1
(
2
)
1
(
)
1
(
2
)
1
(
2
1
Solving for each value gives t1 = 1 ms, t2 = 90 μs, and Ka ≈ 7.4 ×
106 s
-2. Note that the closed-loop response is described as
)
(
1
)
(
)
(
s
G
s
G
s
H
+
=
By converting to the s-domain, we are able to quantify the
open-loop dc gain (Ka). This value is useful during calculation
of acceleration error of the loop as discussed in the Sources of
Error section.
The step response to a 10° input step is shown in Figure 14.
Because the error calculation (Equation 3) is nonlinear for large
values of θ − ϕ, the response time for larger step changes in
position (90°–180°) will typically take three times as long as the
response to a small step change in position (<20°). In response
to a step change in velocity, the AD2S1205 will exhibit the same
response characteristics as for a step change in position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com