Electronic Components Datasheet Search
  English  ▼

X  

AD2S1205 Datasheet(PDF) 18 Page - Analog Devices

Part # AD2S1205
Description  12-Bit R/D Converter with Reference Oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 14Page - Analog Devices AD2S1205 Datasheet HTML 15Page - Analog Devices AD2S1205 Datasheet HTML 16Page - Analog Devices AD2S1205 Datasheet HTML 17Page - Analog Devices AD2S1205 Datasheet HTML 18Page - Analog Devices AD2S1205 Datasheet HTML 19Page - Analog Devices AD2S1205 Datasheet HTML 20Page - Analog Devices AD2S1205 Datasheet HTML 21Page - Analog Devices AD2S1205 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD2S1205
Preliminary Technical Data
Rev.PrB | Page 18 of 25
After a rising edge on the RESET input, the device must be
allowed at least 20 ms (tTRACK) as shown in Figure 10 for internal
circuitry to stabilize and the tracking loop to settle to the step
change in input position. After tTRACK, a SAMPLE pulse must be
applied, releasing the LOT and DOT pins to the state deter-
mined by the fault detection circuitry and providing valid
position data at the parallel and serial outputs (note that if
position data is being acquired via the encoder outputs, they
may be monitored during tTRACK).
The RESET pin is internally pulled up.
tRST
tRST
VDD
RESET
4.75V
VALID
OUTPUT
DATA
SAMPLE
LOT
DOS
tTRACK
Figure 10. Power Supply Sequencing and Reset
CHARGE PUMP OUTPUT
A 204.8 kHz square wave output with 50% duty cycle is avail-
able at the CPO output pin of the AD2S1205. This square wave
output can be used for negative rail voltage generation, or to
create a VCC rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com