Electronic Components Datasheet Search
  English  ▼

X  

AD2S1205 Datasheet(PDF) 11 Page - Analog Devices

Part # AD2S1205
Description  12-Bit R/D Converter with Reference Oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 7Page - Analog Devices AD2S1205 Datasheet HTML 8Page - Analog Devices AD2S1205 Datasheet HTML 9Page - Analog Devices AD2S1205 Datasheet HTML 10Page - Analog Devices AD2S1205 Datasheet HTML 11Page - Analog Devices AD2S1205 Datasheet HTML 12Page - Analog Devices AD2S1205 Datasheet HTML 13Page - Analog Devices AD2S1205 Datasheet HTML 14Page - Analog Devices AD2S1205 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Preliminary Technical Data
AD2S1205
Rev. PrB | Page 11 of 25
CONNECTING THE CONVERTER
Refer to Figure 5. Ground should be connected to the AGND
pin and DGND pin. Positive power supply VDD = +5 V dc ± 5%
should be connected to the AVDD pin and DVDD pin. Typical
values for the decoupling capacitors are 10 nF and 4.7 μF,
respectively. These capacitors should be placed as close to the
device pins as possible, and should be connected to both AVDD
and DVDD. If desired, the reference oscillator frequency can be
changed from the nominal value of 10 kHz using FS1 and FS2.
Typical values for the oscillator decoupling capacitors are 20 pF.
Typical values for the reference decoupling capacitors are 10 μF
and 0.01 μF, respectively.
DVDD
5V
1
2
3
4
5
6
7
8
9
10
11
RESET
33
32
31
30
29
28
27
26
25
24
DGND
8.192
MHz
20pF
20pF
4.7
μF
10nF
23
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
AD2S1205
10
μF
10nF
5V
S2
S4
S3
S1
4.7
μF
10nF
5V
BUFFER
CIRCUIT
BUFFER
CIRCUIT
R2
R1
Figure 5. Connecting the AD2S1205 to a Resolver
The gain of the buffer depends on the type of resolver used.
Since the specified excitation output amplitudes are matched to
the specified Sin/Cos input amplitudes, the gain of the buffer is
determined by the attenuation of the resolver.
In this recommended configuration, the converter introduces a
VREF/2 offset in the Sin, Cos signals coming from the resolver.
Of course, the SinLO and CosLO signals may be connected to a
different potential relative to ground, as long as the Sin and Cos
signals respect the recommended specifications. Note that since
the EXC/EXC outputs are differential, there is an inherent gain
of 2×.
For example, if the primary to secondary turns ratio is 2:1, the
buffer will have unity gain. Likewise, if the turns ratio is 5:1, the
gain of the buffer should be 2.5×. Figure 6 suggests a buffer
circuit. The gain of the circuit is
)
1
/
2
(
R
R
Gain −
=
and
⎟
⎠
⎞
⎜
⎝
⎛
×
−
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
IN
REF
OUT
V
R
R
R
R
V
V
1
2
1
2
1
VREF is set so that VOUT is always a positive value, eliminating the
need for a negative supply.
12V
EXC/EXC
(VIN)
5V
(VREF)
R2
12V
VOUT
33
Ω
33
Ω
R1
442
Ω
1.24k
Ω
12V
2.7k
Ω
2.7k
Ω
Figure 6. Buffer Circuit
Separate screened twisted cable pairs are recommended for
analog inputs Sin/SinLO and Cos/CosLO. The screens should
terminate to REFOUT. To achieve the dynamic performance
specified, an 8.192 MHz crystal must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com