Electronic Components Datasheet Search
  English  ▼

X  

AD1935 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1935
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1935 Datasheet(HTML) 1 Page - Analog Devices

  AD1935 Datasheet HTML 1Page - Analog Devices AD1935 Datasheet HTML 2Page - Analog Devices AD1935 Datasheet HTML 3Page - Analog Devices AD1935 Datasheet HTML 4Page - Analog Devices AD1935 Datasheet HTML 5Page - Analog Devices AD1935 Datasheet HTML 6Page - Analog Devices AD1935 Datasheet HTML 7Page - Analog Devices AD1935 Datasheet HTML 8Page - Analog Devices AD1935 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
4 ADC/8 DAC with PLL,
192 kHz, 24 Bit CODEC
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Features
PLL generated (32-192kHz) or direct master clock
Low EMI design
109 dB DAC/ 107dB ADC Dynamic Range and SNR
-94dB THD+N
Single 3.3V Supply
Tolerance for 5V logic inputs
Supports 24-bits and 8 kHz - 192 kHz sample rates
Differential ADC input
Single-ended or Differential DAC output versions
Log volume control with "auto-ramp" function
Hardware and software controllable clickless mute
Software and hardware power-down
Right justified, left justified, I2S and TDM Modes
Master and slave modes up to 16 channel in/out
48-lead LQFP or 64-lead LQFP plastic package
Applications
Automotive audio systems
Home theater systems
Set-top boxes
Digital audio effects processors
GENERAL DESCRIPTION
The AD193X family are high performance, single-chip codecs that
provide 4 ADCs with differential input and 8 DACs with either
single-ended or differential output using ADI’s patented multibit
sigma-delta architecture. An SPI® or I2C® port is included, allowing
a microcontroller to adjust volume and many other parameters.
The AD193X family operates from 3.3V digital and analog supplies.
The AD193X is available in a 48-lead (SE output) or 64-lead
(differential output) LQFP package.
The AD193X is designed for low EMI. This consideration is
apparent in both the system and circuit design architectures. By
using the on-board PLL to derive master clock from L-R clock, the
AD193X eliminates the need for a separate high frequency master
clock. It can also be used with a suppressed bit clock. The D-A and
A-D converters are designed using the latest ADI continuous time
architectures to further minimize EMI. By using 3.3V supplies,
power consumption is minimized, further reducing emissions.
Functional Block Diagram
Serial Data Port
AD193X
DAC
DAC
DAC
DAC
DAC
DAC
ADC
ADC
DAC
DAC
ADC
ADC
Digital
Filter
Control Port
SPI / I2C
Digital
Filter
&
Volume
Control
Timing Management
&
Control
(Clock & PLL)
Precision
Voltage
Reference
SDATAIN
SDATAOUT
CLOCKS
Analog
Audio
Inputs
Analog
Audio
Outputs
Digital Audio
Input/Output
Control Data
Input/Output
Serial Data Port
AD193X
DAC
DAC
DAC
DAC
DAC
DAC
ADC
ADC
DAC
DAC
ADC
ADC
Digital
Filter
Control Port
SPI / I2C
Control Port
SPI / I2C
Digital
Filter
&
Volume
Control
Timing Management
&
Control
(Clock & PLL)
Precision
Voltage
Reference
SDATAIN
SDATAOUT
CLOCKS
Analog
Audio
Inputs
Analog
Audio
Outputs
Digital Audio
Input/Output
Control Data
Input/Output
Figure 1
Rev. PrI
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD1935

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1933 AD-AD1933 Datasheet
379Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ AD-AD1933WBSTZ Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ AD-AD1933WBSTZ Datasheet
379Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ-RL AD-AD1933WBSTZ-RL Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ-RL AD-AD1933WBSTZ-RL Datasheet
379Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
More results

Similar Description - AD1935

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1939 AD-AD1939 Datasheet
607Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
7/06-Revision 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
6/06-Revision 0
AD1938 AD-AD1938 Datasheet
559Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
5/06-Revision 0
AD1928 AD-AD1928 Datasheet
595Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
4/07-Revision 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com