Electronic Components Datasheet Search
  English  ▼

X  

AD1935 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1935
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1935 Datasheet(HTML) 3 Page - Analog Devices

  AD1935 Datasheet HTML 1Page - Analog Devices AD1935 Datasheet HTML 2Page - Analog Devices AD1935 Datasheet HTML 3Page - Analog Devices AD1935 Datasheet HTML 4Page - Analog Devices AD1935 Datasheet HTML 5Page - Analog Devices AD1935 Datasheet HTML 6Page - Analog Devices AD1935 Datasheet HTML 7Page - Analog Devices AD1935 Datasheet HTML 8Page - Analog Devices AD1935 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 3 of 30
Parameter
Min
Typ
Max
Unit
Interchannel Gain Mismatch
-0.5
+0.5
dB
Offset Error, Single-ended version
-15
mV
Offset Error, Differential version
-10
mV
Gain Drift
-30
30
ppm/°C
Interchannel Isolation
100
dB
Interchannel Phase Deviation
0
Degrees
Volume Control Step
0.375
dB
Volume Control Range
95
dB
De-emphasis Gain Error
±0.6
dB
Output Resistance at Each Pin
100
Ω
Internal Reference Voltage, FILTR
1.50
V
External Reference Voltage, FILTR
0.90
1.50
1.80
V
REFERENCE
Common-Mode Reference Output, CM
1.50
V
Table 2
Crystal Oscillator
Parameter
Min
Typ
Max
Unit
Transconductance
10
mmhos
Table 3
Digital I/O
Parameter
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.0
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
High Level Output Voltage (VOH) IOH = 4 mA
DVDD – 0.5
V
Low Level Output Voltage (VOL) IOL = 4 mA
0.5
V
Input Capacitance
5
pF
Table 4
Power Supplies
Parameter
Min
Typ
Max
Unit
Voltage, DVDD
3.0
3.3
3.6
V
Voltage, AVDD
3.0
3.3
3.6
V
Digital Current
56
mA
Digital Current—Power-Down
TBD
mA
Digital Current—Reset
TBD
mA
Analog Current
74
mA
Analog Current—Power-Down
TBD
mA
Supplies
Analog Current—Reset
TBD
mA
Operation—All Supplies
429
mW
Operation—Digital Supply
185
mW
Operation—Analog Supply
244
mW
Dissipation
Power-Down—All Supplies
TBD
mW
1 kHz 200 mV p-p Signal at Analog Supply Pins
TBD
dB
Power Supply Rejection Ratio
20 kHz 200 mV p-p Signal at Analog Supply Pins
TBD
dB
Table 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com