Electronic Components Datasheet Search
  English  ▼

X  

AD1935 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1935
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1935 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1935 Datasheet HTML 8Page - Analog Devices AD1935 Datasheet HTML 9Page - Analog Devices AD1935 Datasheet HTML 10Page - Analog Devices AD1935 Datasheet HTML 11Page - Analog Devices AD1935 Datasheet HTML 12Page - Analog Devices AD1935 Datasheet HTML 13Page - Analog Devices AD1935 Datasheet HTML 14Page - Analog Devices AD1935 Datasheet HTML 15Page - Analog Devices AD1935 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
AD1935/AD1936/AD1937/AD1938/AD1939
Preliminary Technical Data
Rev. Pr
I | Page 12 of 30
Serial Data Ports—Data Format
The eight DAC channels output or accept a common serial bit clock
and left-right framing clock to clock in the serial data. The four
ADC channels output or accept a common serial bit clock and left-
right framing clock to clock out the data. The clock signals are all
synchronous with the sample rate. In the AUX Modes, set in ADC
Control 1 and DAC Control 0, the DACs use the ADC serial bit
clock and left-right clock as the DAC clock pins are used for the
auxiliary ADC/DAC serial clocks.
The ADC and DAC serial data modes default to I2S. The ports can
also be programmed for left-justified, right-justified and TDM
modes. The word width is 24 bits by default and can be
programmed for 16 or 20 bits. The normal TDM mode can be
daisy-chained with a second AD193X and will support 16 channels
at 48 kHz, 8 channels at 96 kHz or 4 channels at 192 kHz. There is
also a dual-line TDM mode to support 8 channels at 192 kHz.
The special auxiliary modes are provided to allow two external
stereo ADCs and/or two external stereo DACs to be interfaced with
the AD193X to provide up to 8 in/12 out operation or 2 AD193Xs
to be chained for up to 16 in/16 out operation. These modes
provide a glueless interface to a single SHARC serial port, allowing
the DSP to access up to 16 channels of analog I/O. In these modes
many pins are redefined, see table 10. See Figure 18 for details of
these modes.
The following figures show the serial mode formats.
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
LSB
LSB
LSB
LSB
LEFT JUSTIFIED MODE––16 BITS TO 24 BITS PER CHANNEL
I2S MODE––16 BITS TO 24 BITS PER CHANNEL
RIGHT JUSTIFIED MODE––SELECT NUMBER OF BITS PER CHANNEL
DSP MODE––16 BITS TO 24 BITS PER CHANNEL
NOTES
1. DSP MODE DOES NOT IDENTIFY CHANNEL
2. LRCLK NORMALLY OPERATES AT fS EXCEPT FOR DSP MODE WHICH IS 2 × fS
3. BCLK FREQUENCY IS NORMALLY 64
× LRCLK BUT MAY BE OPERATED IN BURST MODE
MSB
MSB
MSB
LSB
LEFT CHANNEL
MSB
LSB
MSB
RIGHT CHANNEL
LSB
MSB
MSB
1/fS
Figure 13. Stereo Serial Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com