Electronic Components Datasheet Search
  English  ▼

X  

AD5370 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5370
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370 Datasheet(HTML) 1 Page - Analog Devices

  AD5370 Datasheet HTML 1Page - Analog Devices AD5370 Datasheet HTML 2Page - Analog Devices AD5370 Datasheet HTML 3Page - Analog Devices AD5370 Datasheet HTML 4Page - Analog Devices AD5370 Datasheet HTML 5Page - Analog Devices AD5370 Datasheet HTML 6Page - Analog Devices AD5370 Datasheet HTML 7Page - Analog Devices AD5370 Datasheet HTML 8Page - Analog Devices AD5370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
40-Channel, 16-Bit, Serial Input,
Voltage-Output DACs
Preliminary Technical Data
AD5370
Rev. P
rF
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
40-channel DAC in 64 Lead LFCSP and LQFP
Guaranteed monotonic to 16 bits
Maximum output voltage span of 4 × VREF (20 V)
Nominal output voltage range of -4 V to +8 V
Multiple, independent output span available
System calibration function allowing user-programmable
offset and gain
Clear function to user-defined SIGGND (CLR pin)
Simultaneous update of DAC outputs (LDAC pin)
Channel grouping and addressing features
Thermal Monitor Function
DSP/microcontroller-compatible serial interface
2.5 V to 5.5 V JEDEC-compliant digital levels
Power-on reset
Digital reset (RESET)
APPLICATIONS
Level setting in automatic test equipment (ATE)
Variable optical attenuators (VOA)
Optical switches
Industrial control systems
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
CONTROL
REGISTER
STATE
MACHINE
16
POWER-ON
RESET
SYNC
SDI
SCLK
SDO
BUSY
RESET
CLR
AD5370
SERIAL
INTERFACE
16
VOUT8
VOUT9
VOUT10
VOUT11
VOUT12
VOUT13
VOUT14
VOUT15
SIGGND1
DAC 0
REGISTER
16
16
8
8
TO
MUX 2's
A/B SELECT
REGISTER
MUX
2
X2A REGISTER
X2B REGISTER
OFS1
REGISTER
14
14
DAC 0
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OFFSET
DAC 1
BUFFER
DAC 7
REGISTER
16
16
MUX
2
X2A REGISTER
X2B REGISTER
DAC 7
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
GROUP 1
VREF0
SIGGND0
SIGGND2
SIGGND4
SIGGND3
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VOUT16
TO
VOUT39
GROUP 2 TO GROUP 4
ARE IDENTICAL TO GROUP 1
LDAC
DVCC
VDD
VSS AGND DNGD
DAC 0
REGISTER
16
16
8
8
TO
MUX 2's
A/B SELECT
REGISTER
MUX
2
X2A REGISTER
X2B REGISTER
OFS0
REGISTER
14
14
DAC 0
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OFFSET
DAC 0
BUFFER
GROUP 0
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
DAC 7
REGISTER
16
16
MUX
2
X2A REGISTER
X2B REGISTER
DAC 7
BUFFER
VREF1
5370-0001C
VREF1 SUPPLIES
GROUP 1 TO GROUP 4
16
16
16
16
16
16
16
A/B
MUX
X1 REGISTER
MREGISTER
CREGISTER
16
16
16
16
16
16
16
A/B
MUX
X1 REGISTER
MREGISTER
CREGISTER
16
16
16
16
16
16
16
A/B
MUX
X1 REGISTER
MREGISTER
CREGISTER
16
16
16
16
16
16
16
A/B
MUX
X1 REGISTER
MREGISTER
CREGISTER
Figure 1.
AD5370—Protected by U.S. Patent No. 5,969,657; other patents pending


Similar Part No. - AD5370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
238Kb / 12P
Evaluation Board for AD5370/AD5372/AD5373
Rev. PrC
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5370 AD-AD5370_V01 Datasheet
238Kb / 12P
Evaluation Board for AD5370/AD5372/AD5373
Rev. PrC
More results

Similar Description - AD5370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541 AD-AD5541 Datasheet
186Kb / 12P
5 V, Serial-Input Voltage-Output, 16-Bit DACs
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
logo
Analog Devices
AD5372 AD-AD5372 Datasheet
307Kb / 25P
32-Channel, 16/14, Serial Input, Voltage-Output DACs
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
logo
Analog Devices
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com