| Electronic Components Datasheet Search |
|
AD5370 Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5370 Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 24 page ![]() Preliminary Technical Data AD5370 Rev. P rF | Page 22 of 24 POWER SUPPLY SEQUENCING When the supplies are connected to the AD5370 it is important that the AGND and DGND pins are connected to the relevant ground plane before the positive or negative supplies are applied. In most applications this is not an issue as the ground pins for the power supplies will be connected to the ground pins of the AD5370 via ground planes. Where the AD5370 is to be used in a hot-swap card care should be taken to ensure that the ground pins are connected to the supply grounds before the positive or negative supplies are connected. This is required to prevent currents flowing in directions other than towards an analog or digital ground. INTERFACING EXAMPLES The SPI interface of the AD5370 is designed to allow the parts to be easily connected to industry standard DSPs and micro- controllers. Figure 11 shows how the AD5370 could be connected to the Analog Devices Blackfin ® DSP. The Blackfin has an integrated SPI port which can be connected directly to the SPI pins of the AD5370 and programmable I/O pins which can be used to set or read the state of the digital input or output pins associated with the interface. SYNC SCLK SDI SDO CLR LDAC RESET BUSY SPISELx SCK MOSI MISO PF8 PF9 PF10 PF7 AD537x ADSP-BF531 537x-0101 Figure 11. Interfacing to a Blackfin DSP The Analog Devices ADSP-21065L is a floating point DSP with two serial ports (SPORTS). Figure 12 shows how one SPORT can be used to control the AD5370. In this example the Transmit Frame Synchronization (TFS) pin is connected to the Receive Frame Synchronization (RFS) pin. Similarly the transmit and receive clocks (TCLK and RCLK) are also connected together. The user can write to the AD5370 by writing to the transmit register. A read operation can be accomplished by first writing to the AD5370 to tell the part that a read operation is required. A second write operation with a NOP instruction will cause the data to be read from the AD5370. The DSPs receive interrupt can be used to indicate when the read operation is complete. SYNC SCLK SDI SDO CLR LDAC RESET BUSY TFSx RFSx TCLKx RCLKx DTxA DRxA FLAG2 FLAG1 FLAG0 FLAG3 AD537x 537x-0101 ADSP-21065L Figure 12. Interfacing to an ADSP-21065L DSP |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |